Electronic Components Datasheet Search
  English  ▼

X  

MP6005 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 2Page - Monolithic Power Systems MP6005 Datasheet HTML 3Page - Monolithic Power Systems MP6005 Datasheet HTML 4Page - Monolithic Power Systems MP6005 Datasheet HTML 5Page - Monolithic Power Systems MP6005 Datasheet HTML 6Page - Monolithic Power Systems MP6005 Datasheet HTML 7Page - Monolithic Power Systems MP6005 Datasheet HTML 8Page - Monolithic Power Systems MP6005 Datasheet HTML 9Page - Monolithic Power Systems MP6005 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
6
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Parameter
Symbol
Condition
Min
Typ
Max
Units
GATE sink current (12)
VCC = 8.5V, GATE = 10nF,
test gate falling speed
1.7
A
GATE high voltage output
VGATE
VCC -
0.05
V
GATE low voltage output
VGATE
0.05
V
GATE minimum on time
tON-MIN
250
ns
GATE max duty cycle
DMAX
70
%
SYNC Signal
SYNC sourcing impedance
ISYNC
IGATE = -20mA
5
Ω
SYNC sinking impedance
ISYNC
IGATE = 20mA
2
Ω
SYNC source current (12)
VCC = 8.5V, SYNC = 10nF,
test SYNC rising speed
0.8
A
SYNC sink current (12)
VCC = 8.5V, SYNC = 10nF,
test SYNC falling speed
1.2
A
SYNC high voltage output
VSYNC
VCC -
0.05
V
SYNC low voltage output
VSYNC
0.05
V
Protections
Overload protection (OLP)
hiccup on time (12)
4.8
ms
OLP hiccup off time (12)
340
ms
Thermal shutdown
temperature (12)
TSD
150
°C
Thermal shutdown
hysteresis (12)
THYS
20
°C
Notes:
8) Guaranteed by over-temperature correlation, not tested in production.
9) A minimum output diode conduction time greater than 0.7µs is recommended.
10) RSENSE-GND is the resistance from the SENSE pin to GND, which includes the CS resistor from the MOSFET source to GND and the resistor
from the MOSFET source to the SENSE pin.
11) See Table 1 on page 15 and Table 2 on page 17 for voltage-level program options.
12) Guaranteed by sample characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com