Electronic Components Datasheet Search
  English  ▼

X  

MP6005 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6005 Datasheet HTML 1Page - Monolithic Power Systems MP6005 Datasheet HTML 2Page - Monolithic Power Systems MP6005 Datasheet HTML 3Page - Monolithic Power Systems MP6005 Datasheet HTML 4Page - Monolithic Power Systems MP6005 Datasheet HTML 5Page - Monolithic Power Systems MP6005 Datasheet HTML 6Page - Monolithic Power Systems MP6005 Datasheet HTML 7Page - Monolithic Power Systems MP6005 Datasheet HTML 8Page - Monolithic Power Systems MP6005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MP6005
High-Efficiency Flyback/Forward Controller
with Primary and Secondary-Side Regulation
MP6005 Rev. 1.0
www.MonolithicPower.com
1
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP6005 is a high-power, high-efficiency
flyback and forward controller. It is specifically
designed as a low-cost, small, isolated solution
with primary-side regulation (PSR) for flyback
application, and high-efficiency secondary-side
regulation (SSR) for active-clamped forward
application. The MP6005 can also be used in
SSR for flyback topology.
In PSR mode, the MP6005 senses the third
winding waveform on the primary side to
regulate the output and save the optocoupler
and
TL431
feedback
circuit
from
SSR
application.
Continuous
conduction
mode
(CCM) provides high efficiency under heavy
load
conditions,
while
the
output
diode
compensation function supports good output
regulation even during primary-side regulation.
In SSR mode, the SYNC driver provides high
efficiency for active-clamped forward topology.
The
MP6005
includes
a
2A
gate
driver,
frequency dithering, overload protection (OLP),
and over-voltage protection (OVP).
The MP6005 is available in an MSOP10
package.
FEATURES
 Primary-Side Regulated Flyback without
Optocoupler Feedback
 Synchronous Gate Driver (SYNC) Provides
High Efficiency for Active-Clamped Forward
Topology
 Wide 8V to 80V Input Voltage Range
 Internal Circuit Supply Compatible with 16V
External Power
 2A GATE and 0.8A SYNC Drivers
 160mV Switching Current-Sense (CS) Limit
 Output Diode Compensation in Primary-
Side Regulation (PSR) Mode
 250kHz Fixed Switching Frequency
 Hiccup Protection, Overload Protection
(OLP), Short-Circuit Protection (SCP), Over-
Voltage Protection (OVP), and Thermal
Shutdown
 Frequency Dithering to Reduce
Electromagnetic Interference (EMI)
 Available in an MSOP10 Package
APPLICATIONS
 Security Cameras
 Video Telephones
 Wireless Access Points (WAPs)
 Point-of-Sale (POS) Systems
 Power over Ethernet (PoE) Systems
 Industrial Isolated Power Supplies
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
VIN
GATE
GND
VOUT
C2
C1
VIN
EN
D1
D2
VCC
SENSE
FB
COMP
C4
R4
Q1
R3
R1
R2
C5
R5
C3
MODE
SYNC
MP6005
Efficiency
PSR flyback, VOUT = 12V


Similar Part No. - MP6005

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP6005 DCCOM-MP6005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP6005 GOOD-ARK-MP6005 Datasheet
95Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP6005 CHENG-YI-MP6005 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP6005 FORMOSA-MP6005 Datasheet
112Kb / 6P
Bridge Rectifier
logo
Monolithic Power System...
MP6005 MPS-MP6005 Datasheet
1Mb / 30P
High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
Rev. 1.0
More results

Similar Description - MP6005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
High Efficiency, Secondary-Side Synchronous Forward Controller
logo
Texas Instruments
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28910 TI-UCC28910_15 Datasheet
1Mb / 53P
High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
NCV1362 ONSEMI-NCV1362_V01 Datasheet
645Kb / 31P
Automotive Primary Side Flyback Controller
July, 2021 ??Rev. 5
logo
Renesas Technology Corp
IW9809 RENESAS-IW9809 Datasheet
513Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation
23-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com