Electronic Components Datasheet Search
  English  ▼

X  

LNK6665E/K/V Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK6665E/K/V
Description  Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6665E/K/V Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK6665E/K/V Datasheet HTML 3Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 4Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 5Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 6Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 7Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 8Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 9Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 10Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Rev. E 06/15
7
LinkSwitch-HP
www.power.com
Figure 10. PROGRAM (PD) Pin Timing Diagram.
VPDTHACR 3.40 V
t1 t2
t3
t4
t5
t6
t7
t8
t9
t10
tPDST
ID ILIMIT
tPD Programmable
Shutdown Delay
VFB
SW
VPDTHRM 1.35 V
VPDI
VPDTHPDH 1.25 V
VPDTHPDL 0.535 V
PI-6692-101713
Fast AC Reset
Remote On/Off
OSC
This is an adjustable frequency oscillator. Based on error
voltage, the frequency will adjust from 32 kHz at light load to
132 kHz at heavy load. The oscillator employes ±5 kHz
frequency jitter to reduce EMI levels.
Current Limit Comparator
This is a high-speed current limit comparator. It compares the
current from the power MOSFET to the internal current reference.
Once the current reaches the threshold the MOSFET on-cycle
is terminated.
Multi-Cycle Modulation (MCM)
When voltage on COMPENSATION pin reaches V
C(MCM) (about
1.25 V) the peak drain current is reduced to 25% of programmed
value and the switching frequency approaches f
MCM = 32 kHz
(typical). During MCM operation the controller intelligently
maintains a relatively high output sampling rate while reducing
the average switching frequency to keep the output voltage in
regulation. Switching at 25% of the set current limit reduces the
transformer core flux density significantly. This and the intelligent
MCM operation reduce audible noise well below acceptable levels.
LNK666x has a maximum MCM off-time T
MCM(OFF) = 0.5 ms (typ.).
The high minimum output sampling rate provides excellent
transient load response from 0% to 50% or 100% of nominal
load while offering typically below 100 mW no-load input power.
LNK67xx has a maximum MCM off-time T
MCM(OFF) = 4 ms (typ.).
The lower minimum output sampling rate enables designs
below 30 mW no-load input power while providing fair transient
load performance for load steps from 0% to 50% or 100% of
nominal load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com