Electronic Components Datasheet Search
  English  ▼

X  

LNK6665E/K/V Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LNK6665E/K/V
Description  Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6665E/K/V Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK6665E/K/V Datasheet HTML 9Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 10Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 11Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 12Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 13Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 14Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 15Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 16Page - Power Integrations, Inc. LNK6665E/K/V Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Rev. E 06/15
13
LinkSwitch-HP
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
Transconductance
Amplifier Gain
g
M
T
J = +25 °C
95
115
125
mA/V
Transconductance
Amplifier Gain
Temperature Variation
Δg
M
0 °C ≤ T
J ≤ +100 °C
See Note A
±20
%
Transconductance
Amplifier Max Output
Current
I
GM
T
J = +25 °C
10.0
12.5
15.0
mA
COMPENSATION Pin
Input Impedance
Z
CP
See Note A
30
M
W
Bypass (BP) Input
OVP/UVP/OTP
Programming
Capacitor Value
C
BP
T
J = +25 °C
See Table 3 for programming
0.47
mF
4.7
47
BYPASS Pin Voltage
V
BP
5.46
5.75
6.04
V
BYPASS Pin
Voltage Hysteresis
V
BPH
0.85
0.95
1.1
V
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V
T
J = +25 °C
V
DS ≥ 50 V
LNK6xx3
-6.8
-4.8
-2.0
mA
LNK6xx4-5
-9.2
-6.6
-2.8
LNK6xx6-8
-12.0
-8.3
-4.3
LNK6xx9
-14.3
-10.1
-4.2
I
CH2
V
BP = 5 V
T
J = +25 °C
V
DS ≥ 50 V
LNK6xx3
-4.7
-2.7
-1.5
mA
LNK6xx4-5
-7.0
-4.0
-2.2
LNK6xx6-8
-8.8
-5.2
-2.9
LNK6xx9
-11.5
-6.6
-3.7
BYPASS Pin Shutdown
Threshold Current
I
BPSD
T
J = +25 °C
5.7
8.2
10.7
mA
BYPASS Pin
Shutdown Delay
T
J = +25 °C
8
Switching
Cycles
BYPASS Pin
Source Current
I
BPSC
V
BP = 6 V
T
J = +25 °C
-0.5
mA
BYPASS Pin Charge
Current Temperature
Variation
ΔI
BPSC
See Note A
0.5
%/
°C
BYPASS Pin
Shunt Voltage
V
BP(SHUNT)
I
BP = 2 mA
6.1
6.4
6.7
V
BYPASS Pin
Supply Current
I
BPS1
T
J = +25 °C, See Note B
525
mA
I
BPS2
MOSFET switching
at f
OSC
LNKxxx3
0.9
1.2
mA
LNKxxx4
1.0
1.3
LNKxxx5
1.1
1.4
LNKxxx6
1.3
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com