Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAST Datasheet(PDF) 22 Page - Texas Instruments

Part # PTH12040WAST
Description  50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12040WAST Datasheet(HTML) 22 Page - Texas Instruments

Back Button PTH12040WAST Datasheet HTML 18Page - Texas Instruments PTH12040WAST Datasheet HTML 19Page - Texas Instruments PTH12040WAST Datasheet HTML 20Page - Texas Instruments PTH12040WAST Datasheet HTML 21Page - Texas Instruments PTH12040WAST Datasheet HTML 22Page - Texas Instruments PTH12040WAST Datasheet HTML 23Page - Texas Instruments PTH12040WAST Datasheet HTML 24Page - Texas Instruments PTH12040WAST Datasheet HTML 25Page - Texas Instruments PTH12040WAST Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ASIC
VC ORE
VC CI O
PTH12010L
1
10
4
5
6
2
3
9
Tra ck
GND
Inhibit
7
Vadj
Sense
+
C2
330 F
m
C4
330 F
m
C6
0.68 F
m
C5
0.1 F
m
C3
330 F
m
C1
330 F
m
R1
2kW
R5
10kW
R4
100kW
R3
11kW
R2
130 W
+
+
PTH12020W
7
10
4
5
6
2
3
9
Tra ck
V
I
V
I
V =12V
I
V 1=3.3V
O
V 2=1.8V
O
I 2
O
V
O
V
O
GND
Inhibit
1
Up
Adjust
+
TL7702B
V
CC
GND
SENSE
RESIN
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
+
Dn
Sense
8
8
PTH12040W
SLTS237G – DECEMBER 2004 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
Figure 20. Application Circuit Demonstrating Prebias Startup
Note
1. The prebias start-up feature is not compatible with Auto-Track. If the rise in the output is limited by the
voltage applied to the Track control pin, the output sinks current during the period that the Track control
voltage is below that of the back-feeding source. For this reason, it is recommended that Auto-Track be
disabled when not being used. This is accomplished by connecting the Track pin to the input voltage, VI. This
raises the Track pin voltage well above the set-point voltage prior to the module’s start up, thereby defeating
the Auto-Track feature.
22
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH12040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com