Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAST Datasheet(PDF) 13 Page - Texas Instruments

Part # PTH12040WAST
Description  50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12040WAST Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH12040WAST Datasheet HTML 9Page - Texas Instruments PTH12040WAST Datasheet HTML 10Page - Texas Instruments PTH12040WAST Datasheet HTML 11Page - Texas Instruments PTH12040WAST Datasheet HTML 12Page - Texas Instruments PTH12040WAST Datasheet HTML 13Page - Texas Instruments PTH12040WAST Datasheet HTML 14Page - Texas Instruments PTH12040WAST Datasheet HTML 15Page - Texas Instruments PTH12040WAST Datasheet HTML 16Page - Texas Instruments PTH12040WAST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Adjusting the Undervoltage Lockout (UVLO) of the PTH12040W Power Modules
UVLO Adjustment
Adjustment Method
PTH12040W
2
4
6
7
8 UVLOProg
Inhibit
GND
GND
1
3
5
V
I
C
I
1000 F
m
V
I
R
HYS
R
THD
PTH12040W
www.ti.com............................................................................................................................................... SLTS237G – DECEMBER 2004 – REVISED MARCH 2009
The PTH12040W power modules incorporate an input undervoltage lockout (UVLO). The UVLO feature prevents
the operation of the module until there is sufficient input voltage to produce a valid output voltage. This enables
the module to provide a clean, monotonic powerup for the load circuit, and also limits the magnitude of current
drawn from the regulator’s input source during the power-up sequence.
The UVLO characteristic is defined by the on-threshold (VTHD) and hysterisis (VHYS) voltages. Below the on
threshold, the Inhibit control is overriden, and the module does not produce an output. The hysterisis voltage is
the difference between the on and off threshold voltages. It ensures a clean power-up, even when the input
voltage is rising slowly. The hysterisis prevents start-up oscillations, which can occur if the input voltage droops
slightly when the module begins drawing current from the input source.
The UVLO feature of the PTH12040W module allows for limited adjustment of both the on threshold and
hysterisis voltages. The adjustment is made via the UVLO Prog control pin. When the UVLO Prog pin is left open
circuit, the on threshold and hysterisis voltages are internally set to their default values. The on threshold has a
nominal voltage of 7.5 V, and the hysterisis 1 V. This ensures that the module produces a regulated output when
the minimum input voltage is applied (see specifications). The combination correlates to an off threshold of
approximately 6.5 V. The adjustments are limited. The on threshold can only be adjusted higher, and the
hysterisis voltage can only be reduced in magnitude.
The on threshold might need to be raised if the module is powered from a tightly regulated 12-V bus. This would
prevent it from operating if the input bus failed to completely rise to its specified regulation voltage. The hysterisis
should not be changed unless absolutely necessary. A generous amount of hysterisis ensures that the module
exhibits a clean startup. Therefore, adjustment of the hysterisis should only be considered if there is a system
requirement to specifically set the off threshold voltage (in addition to the on threshold). Depending on the load
regulation of the input source, the hysterisis should not be adjusted below 0.5 V without careful consideration.
The resistors, RTHD and RHYS (see Figure 9), provide the adjustment of the on-threshold and hysterisis voltages.
RTHD connects between the UVLO Prog control pin and GND, and RHYS is connected between the UVLO Prog
and VI. RTHD alone is used to adjust the on-threshold voltage higher. However, to adjust the hystersis to a lower
value requires both the RHYS and RTHD resistors to be placed in the circuit.
The recommended adjustment method requires that any change to the hysterisis be determined first. If the
hysterisis is changed, then a value for RTHD must also be calculated. This is irrespective of whether a change is
required to the value of VTHD. If there is no change to VHYS, then a resistor should not be placed in the RHYS
location. RHYS should then be assigned an infinite value for calculating the value of RTHD.
Figure 9. UVLO Program Resistor Placement
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PTH12040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com