Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAST.B Datasheet(PDF) 21 Page - Texas Instruments

Part # PTH12040WAST.B
Description  50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12040WAST.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH12040WAST.B Datasheet HTML 17Page - Texas Instruments PTH12040WAST.B Datasheet HTML 18Page - Texas Instruments PTH12040WAST.B Datasheet HTML 19Page - Texas Instruments PTH12040WAST.B Datasheet HTML 20Page - Texas Instruments PTH12040WAST.B Datasheet HTML 21Page - Texas Instruments PTH12040WAST.B Datasheet HTML 22Page - Texas Instruments PTH12040WAST.B Datasheet HTML 23Page - Texas Instruments PTH12040WAST.B Datasheet HTML 24Page - Texas Instruments PTH12040WAST.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Prebias Startup Capability
UVLO
Threshold
V (5V/Div)
I
V
(1V/Div)
O
HORIZTAL SCALE:5ms/Div
StartupPeriod
HORIZTAL SCALE:10ms/Div
V 1(1V/Div)
O
V
(1V/Div)
O2
I 2(5 A/Div)
O
PTH12040W
www.ti.com............................................................................................................................................... SLTS237G – DECEMBER 2004 – REVISED MARCH 2009
The capability to start up into an output prebias condition is available to all the 12-V input series of PTH/PTV
power modules. A prebias startup condition occurs as a result of an external voltage being present at the output
of a power module prior to its output becoming active. This often occurs in complex digital systems when current
from another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC.
Another path might be via clamp diodes, sometimes used as part of a dual-supply power-up sequencing
arrangement. A prebias can cause problems with power modules that incorporate synchronous rectifiers. This is
because under most operating conditions, such modules can sink as well as source output current. The 12-V
input PTH modules all incorporate synchronous rectifiers, but do not sink current during startup, or whenever the
Inhibit pin is held low. Start up includes an initial delay (approximately 8–15 ms), followed by the rise of the
output voltage under the control of the module’s internal soft-start mechanism; see Figure 18.
Conditions for PreBias Holdoff
For the module to allow an output prebias voltage to exist (and not sink current), certain conditions must be
maintained. The module holds off a prebias voltage when the Inhibit pin is held low, and whenver the output is
allowed to rise under soft-start control. Power up under soft-start control occurs upon the removal of the ground
signal to the Inhibit pin (with input voltage applied), or when input power is applied with Auto-Track disabled[1]. To
further ensure that the regulator doesn’t sink output current, (even with a ground signal applied to its Inhibit), the
input voltage must always be greater than the applied prebias source. This condition must exist throughout the
power-up sequence.
The soft-start period is complete when the output begins rising above the prebias voltage. Once it is complete
the module functions as normal, and sinks current if a voltage higher than the nominal regulation value is applied
to its output.
Note: If a prebias condition is not present, the soft-start period is complete when the output voltage has risen
to either the set-point voltage, or the voltage applied at the module’s Track control pin, whichever is lowest.
Demonstration Circuit
Figure 19 shows the startup waveforms for the demonstration circuit shown in Figure 20. The initial rise in VO2 is
the prebias voltage, which is passed from the VCCIO to the VCORE voltage rail through the ASIC. Note that the
output current from the PTH12010L module (IO2) is negligible until its output voltage rises above the applied
pre-bias.
Figure 18. PTH12020W Startup
Figure 19. Pre-Bias Startup Waveforms
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PTH12040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com