Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAST.B Datasheet(PDF) 6 Page - Texas Instruments

Part # PTH12040WAST.B
Description  50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12040WAST.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH12040WAST.B Datasheet HTML 2Page - Texas Instruments PTH12040WAST.B Datasheet HTML 3Page - Texas Instruments PTH12040WAST.B Datasheet HTML 4Page - Texas Instruments PTH12040WAST.B Datasheet HTML 5Page - Texas Instruments PTH12040WAST.B Datasheet HTML 6Page - Texas Instruments PTH12040WAST.B Datasheet HTML 7Page - Texas Instruments PTH12040WAST.B Datasheet HTML 8Page - Texas Instruments PTH12040WAST.B Datasheet HTML 9Page - Texas Instruments PTH12040WAST.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TYPICAL CHARACTERISTICS(1)(2)
Characteristic Data (VI = 12 V)
2
4
6
8
10
12
14
IO -OutputCurrent- A
VO =5V
VO =3.3V
VO =1.8V
VO =1.2V
VO =0.8V
0
10
20
30
40
50
0
50
60
70
80
90
100
I
-OutputCurrent- A
O
0
10
20
30
40
50
VO =5V
VO =3.3V
VO =1.8V
VO =1.2V
VO =0.8V
0
40
20
10
20
30
40
50
30
70
50
60
90
80
I
O – Output Current – A
V
O = 5 V
Natural
Convection
100 LFM
200 LFM
400 LFM
20
30
40
50
60
70
80
90
400LFM
200LFM
NatConv
VO =1.2V
IO -OutputCurrent- A
0
10
20
30
40
50
100LFM
20
30
40
50
60
70
80
90
400LFM
200LFM
100LFM
NatConv
VO =3.3V
IO -OutputCurrent- A
0
10
20
30
40
50
PTH12040W
SLTS237G – DECEMBER 2004 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
EFFICIENCY
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1 and Figure 2.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 4-inch x 4-inch, double-sided PCB with 1-oz. copper. For
surface mount packages (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power
pins. Please refer to the mechanical specification for more information. Applies to Figure 3, Figure 4, and Figure 5.
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH12040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com