Electronic Components Datasheet Search
  English  ▼

X  

MFP200ATC Datasheet(PDF) 6 Page - YAGEO Corporation

Part # MFP200ATC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP200ATC Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button MFP200ATC Datasheet HTML 2Page - YAGEO Corporation MFP200ATC Datasheet HTML 3Page - YAGEO Corporation MFP200ATC Datasheet HTML 4Page - YAGEO Corporation MFP200ATC Datasheet HTML 5Page - YAGEO Corporation MFP200ATC Datasheet HTML 6Page - YAGEO Corporation MFP200ATC Datasheet HTML 7Page - YAGEO Corporation MFP200ATC Datasheet HTML 8Page - YAGEO Corporation MFP200ATC Datasheet HTML 9Page - YAGEO Corporation MFP200ATC Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
6
13
Product Specification
MFP
Through Hole Resistors
Unit: mm
Normal
Miniature
a
A
B1-B2 (Max.) S (spacing)
T (max. deviation of
spacing)
MFP-12
MFP25S
6 ± 0.5
52.4 ± 1.5
1.2
5
1 mm per 10 spacing,
0.5 mm per 5 spacing
26.0 ± 1.5
1
MFP204
-
6 ± 0.5
52.4 ± 1.5
1.2
5
26.0 ± 1.5
1
MFP-25
MFP50S
6 ± 0.5
52.4 ± 1.5
1.2
5
26.0 ± 1.5
1
MFP207
-
6 ± 0.5
52.4 ± 1.5
1.2
5
26.0 ± 1.5
1
MFP-50
MFP1WS
6 ± 0.5
52.4 ± 1.5
1.2
5
MFP100
MFP2WS
6 ± 0.5
73.0 ± 1.5
1.5
5
52.4 ± 1.5
1.2
MFP200
MFP3WS
6 ± 0.5
73.0 ± 1.5
1.5
10
52.4 ± 1.5
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com