Electronic Components Datasheet Search
  English  ▼

X  

MFP200ATC Datasheet(PDF) 1 Page - YAGEO Corporation

Part # MFP200ATC
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP200ATC Datasheet(HTML) 1 Page - YAGEO Corporation

  MFP200ATC Datasheet HTML 1Page - YAGEO Corporation MFP200ATC Datasheet HTML 2Page - YAGEO Corporation MFP200ATC Datasheet HTML 3Page - YAGEO Corporation MFP200ATC Datasheet HTML 4Page - YAGEO Corporation MFP200ATC Datasheet HTML 5Page - YAGEO Corporation MFP200ATC Datasheet HTML 6Page - YAGEO Corporation MFP200ATC Datasheet HTML 7Page - YAGEO Corporation MFP200ATC Datasheet HTML 8Page - YAGEO Corporation MFP200ATC Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA SHEET
METAL FILM RESISTORS
Precision
MFP Series
±0.1%, ±0.25%
1/6W to 3W
RoHS compliant & Halogen Free


Similar Part No. - MFP200ATC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFP2 WELWYN-MFP2 Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
TT Electronics.
MFP2 TTELEC-MFP2 Datasheet
331Kb / 2P
Smallest size for power rating
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP26802FA IRCTT-MFP26802FA Datasheet
1Mb / 3P
Flameproof Power Metal Film Resistor
MFP26802FR IRCTT-MFP26802FR Datasheet
1Mb / 3P
Flameproof Power Metal Film Resistor
More results

Similar Description - MFP200ATC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
logo
Rohm
SLA580 ROHM-SLA580 Datasheet
94Kb / 2P
Through-hole LEDs
logo
Vishay Siliconix
ERC VISHAY-ERC_15 Datasheet
83Kb / 4P
Thick Film Planar Resistors, Through-Hole, Radial Lead, High Voltage
03-May-13
logo
Everlight Electronics C...
EADCD030RA1 EVERLIGHT-EADCD030RA1 Datasheet
439Kb / 6P
Display  Through-hole
May 13, 2014
EADCD040OA2 EVERLIGHT-EADCD040OA2 Datasheet
413Kb / 6P
Display Through-hole
May 15, 2014
EADDM117AA2 EVERLIGHT-EADDM117AA2 Datasheet
477Kb / 6P
Display  Through-hole
May 22, 2014
EADDM288YA1 EVERLIGHT-EADDM288YA1 Datasheet
444Kb / 6P
Display  Through-hole
EADDM288GA2 EVERLIGHT-EADDM288GA2 Datasheet
453Kb / 6P
Display  Through-hole
logo
Lite-On Technology Corp...
LTL2P3KRK LITEON-LTL2P3KRK Datasheet
477Kb / 11P
Through Hole Lamp
logo
Vishay Siliconix
FHV VISHAY-FHV Datasheet
89Kb / 4P
Thick Film Planar Resistors, Through-Hole, Axial Lead, High Voltage
06-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com