Electronic Components Datasheet Search
  English  ▼

X  

A5970D Datasheet(PDF) 8 Page - STMicroelectronics

Part # A5970D
Description  1.5A switch step down switching regulator for automotive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5970D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A5970D Datasheet HTML 4Page - STMicroelectronics A5970D Datasheet HTML 5Page - STMicroelectronics A5970D Datasheet HTML 6Page - STMicroelectronics A5970D Datasheet HTML 7Page - STMicroelectronics A5970D Datasheet HTML 8Page - STMicroelectronics A5970D Datasheet HTML 9Page - STMicroelectronics A5970D Datasheet HTML 10Page - STMicroelectronics A5970D Datasheet HTML 11Page - STMicroelectronics A5970D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical characteristics
A5970D
8/13
Figure 9.
Quiescent current vs.
junction temperature
Figure 10.
Switching frequency vs.
junction temperature
Figure 11.
Shutdown current vs.junction
temperature
Figure 12.
Efficiency vs. output current
Figure 13.
Efficiency vs. output current
1.2
1.4
1.6
1.8
2
-50
050
100
150
Tj (°C)
Iq (mA)
Vcc = 12V
DC = 0%
220
230
240
250
260
-50
0
50
100
150
Tj (C)
Fsw (KHz)
Vcc = 12V
Vo = 3.3V
30
40
50
60
70
-50
0
50
100
150
Ishd (
µA)
Vcc = 12V
Tj (°C)
70
72
74
76
78
80
82
84
86
88
90
92
94
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Io (A)
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vcc=5V
70
72
74
76
78
80
82
84
86
88
90
92
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Io (A)
Vcc=12V
Vo=5V
Vo=3.3V
Vo=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com