Electronic Components Datasheet Search
  English  ▼

X  

A5970D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A5970D
Description  1.5A switch step down switching regulator for automotive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5970D Datasheet(HTML) 1 Page - STMicroelectronics

  A5970D Datasheet HTML 1Page - STMicroelectronics A5970D Datasheet HTML 2Page - STMicroelectronics A5970D Datasheet HTML 3Page - STMicroelectronics A5970D Datasheet HTML 4Page - STMicroelectronics A5970D Datasheet HTML 5Page - STMicroelectronics A5970D Datasheet HTML 6Page - STMicroelectronics A5970D Datasheet HTML 7Page - STMicroelectronics A5970D Datasheet HTML 8Page - STMicroelectronics A5970D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2007
Rev 2
1/13
1
A5970D
1.5A switch step down switching regulator
for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (temperature Grade 3),
see PPAP for more details.
■ Temperature range -40 °C to 85 °C
■ Up to 1 A DC output current
■ Operating input voltage from 4.4 V to 36 V
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100 % duty cycle
■ 250 kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Dedicated to automotive applications
Figure 1.
Typical application
Description
The A5970D is a step down monolithic power
switching regulator capable to deliver up to 1 A at
output voltages from 1.2 V to 35 V.
The device uses an internal P-channel D-MOS
transistor (with a typical Rdson of 250 m
Ω) as
switching element to minimize the size of the
external components.
An internal oscillator fixes the switching frequency
at 250 kHz.
Having a minimum input voltage of 4.4 V only, it is
particularly suitable for 5 V bus.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
SO-8
OUT
FB
GND
COMP
VCC
VIN=4.4V to 35V
A5970D
C1
10uF
35V
CERAMIC
C2
100uF
10V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 33uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
OUT
FB
GND
COMP
VCC
VIN=4.4V to 35V
A5970D
C1
10uF
35V
CERAMIC
C2
100uF
10V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 33uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
www.st.com


Similar Part No. - A5970D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5970D STMICROELECTRONICS-A5970D Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
Up to 1 A step down switching regulator for automotive applications
03-Nov-2009
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
More results

Similar Description - A5970D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L5970AD STMICROELECTRONICS-L5970AD Datasheet
135Kb / 11P
1.5A SWITCH STEP DOWN SWITCHING REGULATOR
Mar-2005
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
2A switch step down switching regulator for automotive applications
05-Nov-2007
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
2.5A switch step down switching regulator for automotive applications
23-Oct-2007
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
2 A step down switching regulator for automotive applications
14-Jan-2008
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com