Electronic Components Datasheet Search
  English  ▼

X  

SD1607 Datasheet(PDF) 5 Page - TDK Electronics

Part # SD1607
Description  Electromagnetic buzzers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SD1607 Datasheet(HTML) 5 Page - TDK Electronics

  SD1607 Datasheet HTML 1Page - TDK Electronics SD1607 Datasheet HTML 2Page - TDK Electronics SD1607 Datasheet HTML 3Page - TDK Electronics SD1607 Datasheet HTML 4Page - TDK Electronics SD1607 Datasheet HTML 5Page - TDK Electronics SD1607 Datasheet HTML 6Page - TDK Electronics SD1607 Datasheet HTML 7Page - TDK Electronics SD1607 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(5/8)
20170901 / electromagnetic_buzzer_sd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
BUZZERS
SD1614T5-A1 /ø16mm
SD1614TT-A1 /ø16mm
FEATURES
These low-cost electromagnetic buzzers are suited to a wide range of applications.
Pin type terminal construction enables direct mounting onto printed circuit boards.
APPLICATION
Office equipment, electronic games, toys, home appliances, keyboards.
SHAPE & DIMENSIONS
SPECIFICATIONS
• Please ask us for details which is designed another operating rated frequency.
• Products with 7.6mm terminal pitch are also available. Part No.: SD1614T5-B1
、SD1614TT-B1
FREQUENCY CHARACTERISTICS (TYPICAL VALUE)
SD1614TT-A1
Around 2000Hz
Part No.
SD1614T5-A1
SD1614TT-A1
Rated voltage Eo-p(V)
512
Operating voltage Eo-p(V)
3 to 6
6 to 15
Drive conditions:rated voltage, square wave form [duty 50%]
Frequency(Hz)
2048
2048
Sound pressure(dB(A)/10cm)min.
85
85
Current Io-p(mA)max.
80
100
DC resistance(
)typ.
70
120
Terminal construction
Pin terminal
Pin terminal
Operating temperature range
–10 to +70°C
–10 to +70°C
Storage temperature range
–20 to +80°C
–20 to +80°C
Sound release
hole
3.2
0.5
5.5
14
+ Positive
mark
•The longer pin is the + side.
Weight: 4g
Dimensions in mm
100
90
80
70
60
1000
2000
3000
Frequency(Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com