Electronic Components Datasheet Search
  English  ▼

X  

SD1607 Datasheet(PDF) 7 Page - TDK Electronics

Part # SD1607
Description  Electromagnetic buzzers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SD1607 Datasheet(HTML) 7 Page - TDK Electronics

  SD1607 Datasheet HTML 1Page - TDK Electronics SD1607 Datasheet HTML 2Page - TDK Electronics SD1607 Datasheet HTML 3Page - TDK Electronics SD1607 Datasheet HTML 4Page - TDK Electronics SD1607 Datasheet HTML 5Page - TDK Electronics SD1607 Datasheet HTML 6Page - TDK Electronics SD1607 Datasheet HTML 7Page - TDK Electronics SD1607 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
(7/8)
20170901 / electromagnetic_buzzer_sd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
BUZZERS
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using this products.
Please be sure to read the specifications of TDK electromagnetic buzzer(hereinafter referred to as “the buzzer”) before use.
Please pay sufficient attentions to the warnings for safe designing when using the buzzer.
Incorrect usage may cause smoke or fire.
Do not make sound on the buzzer when it is close to ears.
Listening to the buzzer when it is close to ears, or continuant listening to it for an extended period, may result in hearing disorders.
Thoroughly warn consumers not to turn on the sound when the buzzer is close to ears.
Do not exceed the rated operation voltage range when using the buzzer.
If it is exceeded beyond the rated operation voltage, a built-in coil may generate heat, resulting in deterioration of the coil, which may
cause a drop in sound pressure or a change in the terminal resistance value.
If a rare short circuit occurs due to heat generated in the built-in coil, a large electrical current flows to the equipment used, possibly
causing it to emit smoke or fire.
The buzzer is a magnetic type sounder.
Do not use it for any other purpose than a sound generation.
Do not use the buzzer in other than atmospheric air.
Do not use the buzzer in the following environments (excluding cases in which countermeasures are taken).
• Corrosive gases (Cl2, NH3, SOx, NOx, etc.)
• Places to be exposed to dust.
• Places where rain, fog, salt water, and the like will get on the buzzer.
After installing the buzzer when designing an apparatus, confirm that there are no abnormalities by performing a reliability evaluation
test.
Do not exceed the rated operating temperature range when using the buzzer.
Do not use for an extended period at relative humidity in excess of 90% (maximum wet-bulb temperature of 38°C).
When using the buzzer for a safety device or warning device, take all surest measures such as providing a safety circuit or the joint use
of another sounder with equivalent characteristics in order to prevent accidents.
The buzzer may be influenced by electromagnetic waves, voltage changes, and ripple voltage.
Check the buzzer in the mounted condition, and take measures such as safety circuits, shielding, etc.
If the buzzer is molded or secured by adhesives, thermal expansion stresses from the mold or adhesive agent may cause deterioration
in a soldered terminal part.
Before molding or securing an adhesive, consider the type, amount, hardening conditions, adhesive properties, etc., of the sealing
material, and confirm the reliability.
Do not apply vibrations or shocks (such as dropping) larger than the specified.
Do not bend the terminal pin when soldering to install on a circuit board.
Do not apply larger than the specified force to the terminal pin.
Do not apply force to the terminal pin at high temperatures(when soldering).
When soldering a terminal pin, perform the soldering in clean conditions without contamination or rust in order to avoid poor connec-
tions.
When performing dip soldering directly for installing on a printed circuit board, be careful so that smoke from the flux, or other foreign
materials, will not get into the sound emission hole.
Do not clean(excluding products that can be cleaned).
With regards to devices in which the consumers can touch the buzzer, thoroughly warn consumers not to put foreign materials (such as
needles, hairpins, garbage, etc.) into the sound emission hole.
As the buzzer uses a coil, it has an inductive load.
Protect the drive circuit by putting the diodes in parallel into the buzzer.
REMINDERS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com