Electronic Components Datasheet Search
  English  ▼

X  

ISD1600B Datasheet(PDF) 13 Page - Winbond

Part # ISD1600B
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1600B Datasheet(HTML) 13 Page - Winbond

Back Button ISD1600B Datasheet HTML 9Page - Winbond ISD1600B Datasheet HTML 10Page - Winbond ISD1600B Datasheet HTML 11Page - Winbond ISD1600B Datasheet HTML 12Page - Winbond ISD1600B Datasheet HTML 13Page - Winbond ISD1600B Datasheet HTML 14Page - Winbond ISD1600B Datasheet HTML 15Page - Winbond ISD1600B Datasheet HTML 16Page - Winbond ISD1600B Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ISD1600B SERIES
Publication Release Date: Jan. 23, 2007
- 13 -
Revision 1.2
8. ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (DIE)
CONDITIONS
[1]
VALUES
Junction temperature
150°C
Storage temperature range
-65°C to +150°C
Voltage applied to all pins
(VSS –0.3V) to (VDD +0.3V)
Power supply voltage to ground potential
-0.3V to +7.0V
ABSOLUTE MAXIMUM RATINGS (PACKAGED PARTS)
CONDITIONS
[1]
VALUES
Junction temperature
150°C
Storage temperature range
-65°C to +150°C
Voltage applied to all pins
(VSS –0.3V) to (VDD +0.3V)
Lead temperature (Soldering – 10 sec)
300°C
Power supply voltage to ground potential
-0.3V to +7.0V
[1] Stresses above those listed may cause permanent damage to the device. Exposure to the
absolute maximum ratings may affect device reliability and performance. Functional operation is
not implied at these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com