Electronic Components Datasheet Search
  English  ▼

X  

ISD1600B Datasheet(PDF) 21 Page - Winbond

Part # ISD1600B
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1600B Datasheet(HTML) 21 Page - Winbond

Back Button ISD1600B Datasheet HTML 15Page - Winbond ISD1600B Datasheet HTML 16Page - Winbond ISD1600B Datasheet HTML 17Page - Winbond ISD1600B Datasheet HTML 18Page - Winbond ISD1600B Datasheet HTML 19Page - Winbond ISD1600B Datasheet HTML 20Page - Winbond ISD1600B Datasheet HTML 21Page - Winbond ISD1600B Datasheet HTML 22Page - Winbond ISD1600B Datasheet HTML 23Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ISD1600B SERIES
Publication Release Date: Jan. 23, 2007
- 21 -
Revision 1.2
12. ORDERING INFORMATION
Product Number Descriptor Key
When ordering, please refer to the following valid part numbers that are supported in volume for this
product series. Contact the local Winbond Sales Representative or Distributor for availability
information.
For the latest product information, access Winbond’s worldwide website at
http://www.winbond-usa.com
ISD16xxxxxxxx
Product Series:
ISD1600 Series
Duration:
10B :
6.6 – 20 secs
12B :
8 – 24 secs
16B :
10.6 – 30 secs
20B :
13.3 – 40 secs
Package Type:
X = Die
P = Plastic Dual Inline Package (PDIP)
S = Small Outline Integrated Circuit (SOIC) Package
Temperature:
I
= Industrial (-40
°C to +85°C)
Blank = Commerical
• Die (0°C to +50°C)
• Package (0°C to +70°C)
Special Features Field:
Blank = vAlert disabled
01
= vAlert enabled
Package Option:
Y
= Lead-free
Blank = Leaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com