Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC173AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LBC173AMDREP
Description  SN65LBC173A-EP Quadruple RS-485 Differential Line Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC173AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC173AMDREP Datasheet HTML 1Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 2Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 3Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 4Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
G
G
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
4A
4B
4Y
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN65LBC173A-EP
SLLSEH1 – NOVEMBER 2016
SN65LBC173A-EP Quadruple RS-485 Differential Line Receiver
1
(1)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
.
1 Features
1
•
Designed for TIA/EIA-485, TIA/EIA-422 and
ISO 8482 Applications
•
Signaling Rates (1) up to 50 Mbps.
•
Fail-Safe in Bus Short-Circuit, Open-Circuit, and
Idle-Bus Conditions
•
ESD Protection on Bus Inputs Exceeds 6 kV
•
Common-Mode Bus Input Range –7 V to 12 V
•
Propagation Delay Times < 18 ns
•
Low-Standby Power Consumption < 32 µA
•
Pin-Compatible Upgrade for AM26LS32,
DS96F173, LTC488, and SN75173
2 Applications
•
Supports Defense, Aerospace, and Medical
Applications
–
Controlled Baseline
–
One Assembly and Test Site
–
One Fabrication Site
–
Extended Product Life Cycle
–
Extended Product-Change Notification
–
Product Traceability
3 Description
The SN65LBC173A is a quadruple differential line
receiver with tri-state outputs, designed for TIA/EIA-
485 (RS-485), TIA/EIA-422 (RS-422), and ISO 8482
(Euro RS-485) applications.
This device is optimized for balanced multipoint bus
communication at data rates up to and exceeding 50
million bits per second. The transmission media may
be twisted-pair cables, printed-circuit board traces, or
backplanes. The ultimate rate and distance of data
transfer
is
dependent
upon
the
attenuation
characteristics of the media and the noise coupling to
the environment.
The receiver operates over a wide range of positive
and negative common-mode input voltages, and
features ESD protection to 6 kV, making it suitable for
high-speed multipoint data transmission applications
in harsh environments. These devices are designed
using
LinBiCMOS®,
facilitating
low-power
consumption and robustness.
The G and G inputs provide enable control logic for
either positive- or negative-logic enabling all four
drivers. When disabled or powered off, the receiver
inputs present a high-impedance to the bus for
reduced system loading.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65LBC173A-EP
SOIC (16)
9.90 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram


Similar Part No. - SN65LBC173AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173AMDREP TI1-SN65LBC173AMDREP Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
SN65LBC173AMDREP TI1-SN65LBC173AMDREP Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
More results

Similar Description - SN65LBC173AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
SN65LBC175A-EP TI1-SN65LBC175A-EP Datasheet
348Kb / 21P
Quadruple RS-485 Differential Line Receiver
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
SN65LBC175A-EP TI1-SN65LBC175A-EP_18 Datasheet
350Kb / 21P
Quadruple RS-485 Differential Line Receiver
SN65LBC174A-EP TI1-SN65LBC174A-EP_V01 Datasheet
1Mb / 32P
SN65LBC174A-EP Quadruple RS-485 Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com