| Electronic Components Datasheet Search |
|
SN65LBC173AMDREP Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN65LBC173AMDREP Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 22 page ![]() MCU or DSP SPI MASTER SPISIMO SN65LBC174A-EP SN65LBC173A-EP PERIPHERIAL SPI SLAVE SPI MOSI SPI CS SPI CS SPI CLK GPIO Optional Handshaking GPIO or Tie Enabled SPICLK SPISOMI SPI MISO GPIO or Tie Enabled GPIO Optional Handshaking Copyright © 2016, Texas Instruments Incorporated 12 SN65LBC173A-EP SLLSEH1 – NOVEMBER 2016 www.ti.com Product Folder Links: SN65LBC173A-EP Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information Extending SPI operation over RS-485 link. 9.2 Typical Application The following block diagram shows an MCU host connected via RS-485 to a SPI slave device. This device can be an ADC, DAC, MCU, or other SPI slave peripheral. Figure 12. DSP-to-DSP Link via Serial Peripheral Interface 9.2.1 Design Requirements This application can be implemented using standard SPI protocol on DSP or MCU devices. The interface is independent of the specific frame or data requirements of the host or slave device. An additional but not required handshake bit is provided that can be used for customer purposes. 9.2.2 Detailed Design Procedure The interface design requirements are fairly straight forward in this single source/destination scenario. Trace lengths and cable lengths need to be matched to maximize SPI timing. If there is a benefit to put the interface to sleep, GPIOs can be used to control the enable signals of the transmitter and receiver. If GPIOs are not available, or constant uptime needed, both the enables on transmit and receive can be hard tied enabled. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |