Electronic Components Datasheet Search
  English  ▼

X  

SRGA Datasheet(PDF) 3 Page - ALPS ALPINE CO., LTD.

Part # SRGA
Description  Encoder 5mm Size Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPSALPINE [ALPS ALPINE CO., LTD.]
Direct Link  https://www.alpsalpine.com/e/
Logo ALPSALPINE - ALPS ALPINE CO., LTD.

SRGA Datasheet(HTML) 3 Page - ALPS ALPINE CO., LTD.

  SRGA Datasheet HTML 1Page - ALPS ALPINE CO., LTD. SRGA Datasheet HTML 2Page - ALPS ALPINE CO., LTD. SRGA Datasheet HTML 3Page - ALPS ALPINE CO., LTD. SRGA Datasheet HTML 4Page - ALPS ALPINE CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
200
Metal
Shaft
Insulated
Shaft
Hollow
Shaft
Ring
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
● Encoders Attached Parts ……………………………………………………………………………………………………229
● Encoders Cautions ………………………………………………………………………………………………………244, 245
1. F The operating temperature range for automotive applications can be raised upon request. Please contact us for
details.
2. 〇marks in "Available for automotive use" indicate that some of the series products can work at the operating
temperature range from -40
℃ to +85℃, ●marks in "Available for automotive use" indicate that all of the series
products can work at the operating temperature range from -40
℃ to +85℃.
Notes
Soldering
Dimensions
(mm)
Shaft types
Operating direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
W
D
H
Manual soldering
Photo
Output
Changeover angle
Dip soldering
Operating temperature range
Maximum operating
curret(Resistive load)
Output signal
Initial contact
resistance
Push-pull strength
Vibration
Cold
Damp heat
Dry heat
Insulation resistance
Voltage proof
Rotational torque
Terminal strength
Without
18
8
15°, 30°, 45°
Absolute type
Absolute type
SRGA
Hollow shaft
Hollow shaft
350
±10℃, 3 s
+1
0
260±5℃, 10±1s
Vertical
Automotive use
●
−10℃ to +70℃
1Ω max.
100MΩ min. 100V DC
100V AC for 1minute
Shall be in accordance with
individual specifications.
5N for 1minute
100N
ー20±2℃ for 96h
85±2℃ for 96h
40±2℃, 90 to 95%RH for 96h
Page
227
10 to 55 to 10Hz/min., the amplitude is 1.5mm
for all the frequencies, in the 3 direction of X,
Y and Z for 2 hours respectively
Incremental
5.7
9.8
2.7
4.4
7.3
12.6
Vertical/Horizontal
Horizontal
12/12
12/24
5mm size
10mm size
EC05E
EC10E
Hollow Shaft
Without
Hollow shaft
350℃ max. 3s max.
260±5℃, 3±1s
Reflow soldering
Please see P.225
Please see P.229
−30℃ to +85℃
○
0.55mA
Output of A and B signals,
proportionate to phase difference
1mA
50MΩ min. 50V DC
50V AC for 1minute
223
226
−40±3℃ for 240h
85±3℃ for 240h
40±2℃, 90 to 95%RH for 240h
Defent torque
1.6±1.3mN・m
5±3mN・m
Type
Series
List of Varieties
Encoders



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com