Electronic Components Datasheet Search
  English  ▼

X  

SRGA Datasheet(PDF) 1 Page - ALPS ALPINE CO., LTD.

Part # SRGA
Description  Encoder 5mm Size Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPSALPINE [ALPS ALPINE CO., LTD.]
Direct Link  https://www.alpsalpine.com/e/
Logo ALPSALPINE - ALPS ALPINE CO., LTD.

SRGA Datasheet(HTML) 1 Page - ALPS ALPINE CO., LTD.

  SRGA Datasheet HTML 1Page - ALPS ALPINE CO., LTD. SRGA Datasheet HTML 2Page - ALPS ALPINE CO., LTD. SRGA Datasheet HTML 3Page - ALPS ALPINE CO., LTD. SRGA Datasheet HTML 4Page - ALPS ALPINE CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
223
Metal
Shaft
Insulated
Shaft
Hollow
Shaft
Ring
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Line
Horizontal
Vertical
12
12
1.6±1.3
4.5
EC05E1220202
EC05E1220203
EC05E1220401
1
2
3
Product No.
Drawing
No.
8,000
16,000
Minimum order unit
(pcs.)
Number of
detent
Number of
pulse
Mount height
(mm)
Operating
direction
Detent torque
(mN・m)
5mm Size Hollow Shaft Type
EC05E Series
A compact 12-pulse hollow shaft encoder adopting Alps DRUMCODE
TM technology.
Encoder
1. Please place purchase orders for taping products per minimum order unit (1 reel or 1 case).
2. Please place purchase orders per minimum order unit N (integer).
Notes
Packing Specifications
Taping
Reel size
¿13 hole
2
17.4
Unit:mm
ー30℃ to +85℃
Operating temperature range
0.55mA 5V DC
100,000cycles
Specifications
Rating
Items
Operating life
Typical Specifications
Product No.
16
8,000
4,000
1,000
EC05E1220202
EC05E1220203
Number of packages
(pcs.)
Tape
width
(mm)
410
×485×246
16,000
8,000
2,000
EC05E1220401
Export package
measurements
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Refer to P.225 for soldering conditions.


Similar Part No. - SRGA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGAR10100 ALPS-SRGAR10100 Datasheet
161Kb / 4P
Hollow Shaft Type
logo
Tripp Lite. All Rights ...
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
SmartRack Airflow Optimization Kit
logo
ALPS ELECTRIC CO.,LTD.
SRGAV80601 ALPS-SRGAV80601 Datasheet
161Kb / 4P
Hollow Shaft Type
SRGAVC0301 ALPS-SRGAVC0301 Datasheet
161Kb / 4P
Hollow Shaft Type
More results

Similar Description - SRGA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
207Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
logo
TT Electronics.
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
Incremental Hollow Shaft Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com