Electronic Components Datasheet Search
  English  ▼

X  

AX61223TM Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX61223TM
Description  2U Rackmount Chassis for ATX/Micro ATX Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX61223TM Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX61223TM Datasheet HTML 1Page - Axiomtek Co., Ltd. AX61223TM Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
221
AX61223TM
2U Rackmount Chassis for ATX/Micro ATX Motherboard
Features
Specifications
Rear view
Front view
Top view
8 cm ball-
bearing fan
Internal HDD
PS/2 power supply
5.25’’ & 3.5’’, slim DVD-ROM drive bays
Supports riser card (optional)
Standard Color
Black
Construction
Heavy-duty steel
System Board
ATX/Micro ATX motherboard
Drive Capacity
Exposed
1 x Slim-line CD-ROM bay
1 x 3.5" HDD drive bay
1 x 5.25" HDD drive bay
Internal
1 x 3.5" HDD drive bay
Cooling
1 x 8 cm ball-bearing fan (38.6 CFM/each)
Front Panel Indicators
1 x Power on/off
1 x HDD
Front Panel Controls
1 x Power on/off
1 x System reset
Front Panel Connectors 2 x USB
1 x PS/2
2 x USB (flexible USB kit, optional)
Rear Panel Connectors 2 x COM opening
Expansion Interface
By riser card (optional)
Speaker
1 x 0.3W speaker
Operating Temperature 0°C to +40°C (+32°F to +104°F)
Dimensions
481.4 ± 1.0mm (18.95") (W) x 450±1.0mm (17.72") (D) x 89.5±1.0mm (3.52") (H)
Weight (net/gross)
12 kg (26.45 lb)/13.5 kg (29.77 lb)
● Supports ATX/Micro ATX motherboard
● Supports ATX power supply
● Internal one 3.5" HDD drive bays
● Front-accessible one 3.5", one 5.25" HDD drive bays and
one slim CD-ROM bay


Similar Part No. - AX61223TM

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61220TB AXIOMTEK-AX61220TB Datasheet
540Kb / 2P
2U Compact Rackmount Chassis for Full-size SHB/SBC Series
Jul. 07, 2021
AX61221TM AXIOMTEK-AX61221TM Datasheet
290Kb / 2P
Internal one 3.5 HDD drive baysn Front-accessible
AX61221TM AXIOMTEK-AX61221TM Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM Datasheet
242Kb / 2P
2U Rackmount Chassis for ATX Motherboard
Jul. 07, 2021
AX61221TM/X300 AXIOMTEK-AX61221TM/X300 Datasheet
290Kb / 2P
Internal one 3.5 HDD drive baysn Front-accessible
More results

Similar Description - AX61223TM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
2U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
ACP-2010MB ADVANTECH-ACP-2010MB_13 Datasheet
541Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
IPC-603 ADVANTECH-IPC-603 Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX
ACP-2020 ADVANTECH-ACP-2020 Datasheet
819Kb / 2P
2U Rackmount Short Depth Chassis for ATX and mATX Motherboard
9-Aug-2017
ACP-2020G ADVANTECH-ACP-2020G Datasheet
1Mb / 2P
2U Rackmount Chassis for ATX and uATX Motherboard
10-Nov-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com