Electronic Components Datasheet Search
  English  ▼

X  

AX61223TM Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX61223TM
Description  2U Rackmount Chassis for ATX/Micro ATX Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX61223TM Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX61223TM Datasheet HTML 1Page - Axiomtek Co., Ltd. AX61223TM Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
Industrial Chassis (including Embedded MicroBoxes)
6
222
221
Optional Items
Ordering Information
Power Supply Information
Dimensions
AX61223TM
(P/N: E261223100)
2U black rackmount chassis for ATX/Micro-ATX motherboard w/o PSU
*Specifications and certifications are based on options and may vary.
50904B24010E
ATX 400W FSP-400-70PFL (SK)
50916A06000E
ATX 600W SS-600ES2
5A009672200E
AX96722 PCIe x16 to one PCIe x16 riser card
5A009672100E
AX96721 PCIe x16 to two PCIe x8 riser card
83962101000E
AX96210 PCIE x1 to two PCI riser card
59460642100E
Flexible rear COM I/O, 1 COM port cable, P=2.54 mm, L=300 mm
59460802800E
Flexible front USB I/O, 2 USB port cable, P=2.54 mm, L=600 mm
50761222000E
LGA1151/1155/1156 CPU cooler
72061560000E
3.5" to 5.25" HDD bracket (Need to buy a pair)
593836A0030E
Power cable SATAx2, L=150mm (RC)
594G5208010E
SATA3 Cable 180D w/B.sleeve, L=50cm
594G5208000E
SATA3 cable 180D w/lock&B.sleeve, L=50cm
*Note: IMB210, IMB500 & IMB501 are unable to support the compatible riser cards above.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com