Electronic Components Datasheet Search
  English  ▼

X  

TL034CPW Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TL034CPW
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL034CPW Datasheet(HTML) 40 Page - Texas Instruments

Back Button TL034CPW Datasheet HTML 36Page - Texas Instruments TL034CPW Datasheet HTML 37Page - Texas Instruments TL034CPW Datasheet HTML 38Page - Texas Instruments TL034CPW Datasheet HTML 39Page - Texas Instruments TL034CPW Datasheet HTML 40Page - Texas Instruments TL034CPW Datasheet HTML 41Page - Texas Instruments TL034CPW Datasheet HTML 42Page - Texas Instruments TL034CPW Datasheet HTML 43Page - Texas Instruments TL034CPW Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 57
–75
55
°
TA – Free-Air Temperature –°C
125
67
°
–50
–25
0
25
50
75
100
57
°
59
°
61
°
63
°
65
°
VCC
± = ±5 V
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE
VI = 10 mV
RL = 10 kΩ
CL = 25 pF
See Figure 4
VCC
± = ±15 V
Figure 58
–16
t – Time –
µs
1.4
16
0
0.2
0.4
0.6
0.8
1.0
1.2
–12
–8
–4
0
4
8
12
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
VCC
± = ±15 V
RL = 10 kΩ
CL = 100 pF
See Figure 1
TA = 25°C
Figure 59
–2
t – Time –
µs
8
2
01
2
3
4
5
6
7
0
1
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
VCC
± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
–1
Figure 60
t – Time –
µs
0
–6
–2
2
4
6
0
–4
8
–8
16
14
12
10
8
6
4
218
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
See Figure 1
TA = 25°C
CL = 100 pF
RL = 10 kΩ
VCC
± = ±15 V
† Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com