Electronic Components Datasheet Search
  English  ▼

X  

TL034CPW Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TL034CPW
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL034CPW Datasheet(HTML) 30 Page - Texas Instruments

Back Button TL034CPW Datasheet HTML 26Page - Texas Instruments TL034CPW Datasheet HTML 27Page - Texas Instruments TL034CPW Datasheet HTML 28Page - Texas Instruments TL034CPW Datasheet HTML 29Page - Texas Instruments TL034CPW Datasheet HTML 30Page - Texas Instruments TL034CPW Datasheet HTML 31Page - Texas Instruments TL034CPW Datasheet HTML 32Page - Texas Instruments TL034CPW Datasheet HTML 33Page - Texas Instruments TL034CPW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
125
100
75
50
25
0
–25
–50
20
15
10
5
0
–5
–10
–15
TA – Free-Air Temperature –°C
–75
–20
VCC
± = ±15 V
Positive Limit
Negative Limit
COMMON-MODE INPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
Figure 19
–1.5
–5
–1
0
0.5
1
1.5
–4
–3
–2
–1
0
12345
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
–0.5
RL = 1 kΩ
RL = 2 kΩ
RL = 5 kΩ
RL = 10 kΩ
RL = 20 kΩ
VCC
± = ±5 V
TA = 25°C
RL = 1 kΩ
RL = 2 kΩ
RL = 5 kΩ
RL = 20 kΩ
RL = 10 kΩ
VID – Differential Input Voltage – V
Figure 20
–1.5
–15
–1
–0.5
0
0.5
1
–10
–50
5
10
1.5
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
15
RL = 5 kΩ
RL = 10 kΩ
RL = 20 kΩ
RL = 50 kΩ
TA = 25°C
VCC
± = ±15 V
VID – Differential Input Voltage – V
RL = 5 kΩ
RL = 10 kΩ
RL = 20 kΩ
RL = 50 kΩ
Figure 21
–16
0
|VCC
±| – Supply Voltage – V
–12
–8
–4
0
4
8
12
16
2
4
6
8
1012
1416
TA = 25°C
RL = 10 kΩ
VOM–
VOM+
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com