Electronic Components Datasheet Search
  English  ▼

X  

TL031CDG4 Datasheet(PDF) 35 Page - Texas Instruments

Part # TL031CDG4
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031CDG4 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TL031CDG4 Datasheet HTML 31Page - Texas Instruments TL031CDG4 Datasheet HTML 32Page - Texas Instruments TL031CDG4 Datasheet HTML 33Page - Texas Instruments TL031CDG4 Datasheet HTML 34Page - Texas Instruments TL031CDG4 Datasheet HTML 35Page - Texas Instruments TL031CDG4 Datasheet HTML 36Page - Texas Instruments TL031CDG4 Datasheet HTML 37Page - Texas Instruments TL031CDG4 Datasheet HTML 38Page - Texas Instruments TL031CDG4 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 37
–75
–25
TA – Free-Air Temperature – °C
125
25
–50
–25
0
25
50
75
100
–20
–15
–10
–5
0
5
10
15
20
SHORT-CIRCUIT OUTPUT CURRENT†
vs
FREE-AIR TEMPERATURE
VID = 100 mV
VO = 0
VID = –100 mV
VCC
± = ±5 V
VCC
± = ±15 V
VCC
± = ±15 V
VCC
± = ±5 V
Figure 38
10
40
f – Frequency – Hz
100 k
70
60
50
100
1 k
10 k
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
See Figure 3
TL031 and TL031A
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
Figure 39
10
30
f – Frequency – Hz
100 k
60
50
40
100
1 k
10 k
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
See Figure 3
TL032 and TL032A
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
Figure 40
10
40
f – Frequency – Hz
11 k
90
70
50
100
1 k
10 k
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
See Figure 3
80
60
TL034 and TL034A
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com