Electronic Components Datasheet Search
  English  ▼

X  

TL031CDG4 Datasheet(PDF) 24 Page - Texas Instruments

Part # TL031CDG4
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031CDG4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL031CDG4 Datasheet HTML 20Page - Texas Instruments TL031CDG4 Datasheet HTML 21Page - Texas Instruments TL031CDG4 Datasheet HTML 22Page - Texas Instruments TL031CDG4 Datasheet HTML 23Page - Texas Instruments TL031CDG4 Datasheet HTML 24Page - Texas Instruments TL031CDG4 Datasheet HTML 25Page - Texas Instruments TL031CDG4 Datasheet HTML 26Page - Texas Instruments TL031CDG4 Datasheet HTML 27Page - Texas Instruments TL031CDG4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Slew-Rate and Overshoot Test Circuit
VI
VCC+
VCC–
VO
CL
(see Note A)
RL
NOTE A: CL includes fixture capacitance.
Figure 2. Rise Time and Overshoot Waveform
Overshoot
10%
90%
tr
Figure 3. Noise-Voltage Test Circuit
VCC–
VCC+
VO
RS
RS
10 k
Ω
Figure 4. Unity-Gain Bandwidth and
Phase-Margin Test Circuit
(see Note A)
CL
VO
VCC–
VCC+
RL
VI
10 k
Ω
100
Ω
NOTE A: CL includes fixture capacitance.
VCC+
VCC–
Picoammeters
Ground Shield
Figure 5. Input-Bias and Offset-Current Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com