Electronic Components Datasheet Search
  English  ▼

X  

PT2L7LB2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PT2L7LB2
Description  Relay Package PT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT2L7LB2 Datasheet(HTML) 2 Page - Tyco Electronics

  PT2L7LB2 Datasheet HTML 1Page - Tyco Electronics PT2L7LB2 Datasheet HTML 2Page - Tyco Electronics PT2L7LB2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. HK1
Issued 2008/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Relay Package PT (Continued)
Insulation
PT2
PT3
PT5
Dielectric strength coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage coil-contact circuit
W 4/4mm
W 4/ 4 mm
W 4/4mm
adjacent cont. circuits W 3.5 / 9.5 mm W 2.6 / 3.5 mm W 1.8 / 3.5 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
micro disconnection
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
2
2
Rated voltage system
230 / 400 V
240 V
240 V
Overvoltage category
III
III
III
Other data
PT2
PT3
PT5
Mechanical endurance DC coil
30x106 cycles
AC coil
20x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0535
Environment
Ambient temperature range
-40...+70°C
Procesing
Terminals
screw
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
W 0, dense packing of sockets
Weight with PT78720 / PT78730 / PT78740 71 g
78 g
85 g
with PT78722 / PT78742
74 g
-
90 g
Packaging unit
5 pcs
S0427-D
Dimensions
Package with PT 78 720 / PT 78 730 / PT 78 740
Package with PT 78 722 / PT 78 742
S0489-CI



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com