Electronic Components Datasheet Search
  English  ▼

X  

PT2L7LB2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # PT2L7LB2
Description  Relay Package PT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT2L7LB2 Datasheet(HTML) 3 Page - Tyco Electronics

  PT2L7LB2 Datasheet HTML 1Page - Tyco Electronics PT2L7LB2 Datasheet HTML 2Page - Tyco Electronics PT2L7LB2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. HK1
Issued 2008/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
3
Relay Package PT (Continued)
Product key
Socket
Retainer
Marking tag
Module
Relay
Coil
Part number
PT2S7LB2
PT78720
PT17016
PT17040
PTML0024
PT270012
12 VDC
7-1415074-1
PT2S7LC4
PT270024
24 VDC
8-1415074-1
PT2S7RC4
PTMV0524
PT270R24
24 VAC
5-1415074-1
PT2S7SB5
PTMV0615
PT270S15
115 VAC
2-1415366-1
PT2S7TD0
PTMV0730
PT270T30
230 VAC
6-1415074-1
PT3S7LB2
PT78730
PTML0024
PT370012
12 VDC
1-1415075-1
PT3S7LC4
PT370024
24 VDC
2-1415075-1
PT3S7RC4
PTMV0524
PT370R24
24 VAC
9-1415074-1
PT3S7SB5
PTMV0615
PT370S15
115 VAC
1-1415366-1
PT3S7TD0
PTMV0730
PT370T30
230 VAC
1415075-1
PT5S7LB2
PT78740
PTML0024
PT570012
12 VDC
9-1415075-1
PT5S7LC4
PT570024
24 VDC
1415076-1
PT5S7RC4
PTMV0524
PT570R24
24 VAC
7-1415075-1
PT5S7SB5
PTMV0615
PT570S15
115 VAC
1415366-1
PT5S7TD0
PTMV0730
PT570T30
230 VAC
8-1415075-1
PT5S8LB2
PTML0024
PT580012
12 VDC
5-1415075-1
PT5S8LC4
PT580024
24 VDC
6-1415075-1
PT5S8RC4
PTMV0524
PT580R24
24 VAC
3-1415075-1
PT5S8TD0
PTMV0730
PT580T30
230 VAC
4-1415075-1
PT2L7LB2
PT78722
PT17021
PTML0024
PT270012
12 VDC
8-1415534-7
PT2L7LC4
PT270024
24 VDC
8-1415534-9
PT2L7RC4
PTMV0524
PT270R24
24 VAC
9-1415534-0
PT2L7SB5
PTMV0615
PT270S15
115 VAC
9-1415534-2
PT2L7TD0
PTMV0730
PT270T30
230 VAC
9-1415534-4
PT5L7LB2
PT78742
PTML0024
PT570012
12 VDC
1415535-7
PT5L7LC4
PT570024
24 VDC
1415535-9
PT5L7RC4
PTMV0524
PT570R24
24 VAC
1-1415535-1
PT5L7SB5
PTMV0615
PT570S15
115 VAC
1-1415535-3
PT5L7TD0
PTMV0730
PT570T30
230 VAC
1-1415535-5
PT5L8LB2
PTML0024
PT580012
12 VDC
1-1415535-7
PT5L8LC4
PT580024
24 VDC
1-1415535-8
PT5L8RC4
PTMV0524
PT580R24
24 VAC
1-1415535-9
PT5L8TD0
PTMV0730
PT580T30
230 VAC
2-1415535-0
Product key
Typical product key
PT
5L
8
LC4
Type
PT Relay Package PT
Version
2S Relay set: PT 2-pole CO contacts (2 form C), red LED
3S Relay set: PT 3-pole CO contacts (3 form C), red LED
5S Relay set: PT 4-pole CO contacts (4 form C), red LED
2L Relay set: PT 2-pole CO contacts (2 form C), red LED, with logical arrangement of control / load terminals
5L Relay set: PT 4-pole CO contacts (4 form C), red LED, with logical arrangement of control / load terminals
Contact material
7
AgNi 90/10, with test button
8
AgNi 90/10 gold plated, with test button
Coil
LB2
12 VDC
LC4
24 VDC
RC4
24 VAC
SB5
115 VAC
TD0
230 VAC
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com