Electronic Components Datasheet Search
  English  ▼

X  

CUB5 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # CUB5
Description  Award-winning solutions from the number one brand in the industry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  CUB5 Datasheet HTML 1Page - Red Lion Controls. Inc CUB5 Datasheet HTML 2Page - Red Lion Controls. Inc CUB5 Datasheet HTML 3Page - Red Lion Controls. Inc CUB5 Datasheet HTML 4Page - Red Lion Controls. Inc CUB5 Datasheet HTML 5Page - Red Lion Controls. Inc CUB5 Datasheet HTML 6Page - Red Lion Controls. Inc CUB5 Datasheet HTML 7Page - Red Lion Controls. Inc CUB5 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LPAX & EPAX
1.5" (LPAX) and 4" (EPAX) displays based
on the popular PAX with all of the same
features, including field-upgradeable
option cards. NEMA 4X/IP65.
LD
2.25" and 4" LED displays based on
the popular CUB5. Single and dual
preset models with RS232/RS485
communications; serial slave display
version available; universal power supply;
NEMA 4X/IP65.
T48
1/16 DIN temperature PID loop controller
with reduced overshoot. Auto-tuning
of PID control settings, dual display
of temperature and setpoint; accepts
up to 10 types of thermocouple or
RTD inputs; multiple setpoints; RS485
communications; NEMA 4X/IP65.
C48
1/16 DIN dual line display for
counting or timing. Multiple
setpoints; RS485 communications;
NEMA 4X/IP65.
PXU
1/16, 1/8 and 1/4 DIN size models,
the PXU accepts process, thermocouple
and RTD signals and presents values
on one of the industry’s largest dual
displays. Available options include DC
analog control, RS-485 communication
and user inputs.
Red Lion panel meters. The most solutions. The #1 brand.
Learn more at www.redlion.net.
Call +1 (717) 767-6511 to speak to a representative.
See our online panel meter selector
www.redlion.net



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com