Electronic Components Datasheet Search
  English  ▼

X  

CUB5 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # CUB5
Description  Award-winning solutions from the number one brand in the industry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  CUB5 Datasheet HTML 1Page - Red Lion Controls. Inc CUB5 Datasheet HTML 2Page - Red Lion Controls. Inc CUB5 Datasheet HTML 3Page - Red Lion Controls. Inc CUB5 Datasheet HTML 4Page - Red Lion Controls. Inc CUB5 Datasheet HTML 5Page - Red Lion Controls. Inc CUB5 Datasheet HTML 6Page - Red Lion Controls. Inc CUB5 Datasheet HTML 7Page - Red Lion Controls. Inc CUB5 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Change functions and add capabilities with
plug-and-play, field-installable cards.
Don’t underestimate
the value of free.
Crimson is the only software in the
industry that allows you to program
panel meters, temperature controllers,
HMIs, gateways, the Data Station
Plus, Modular Controllers and large
displays—all from the same platform.
And it offers portability to let you save
your configuration files to program
other meters and Red Lion devices.
This open, intuitive, menu-driven
solution guides you quickly through
set-up, and delivers performance and
capabilities that not only rivals costly
competitor software, but exceeds
them. No solution is faster, easier or
more flexible. At any price.
The last meter you will ever buy.
Red Lion's CUB5 and PAX meters offer the capability to
add and change option cards as your application and
communications requirements change. Red Lion
field-upgradeable solutions are the perfect
alternative to competitive meters that
force you to order a new meter every time
conditions change. With Red Lion meters,
simply order the option card you need for
easy, plug-and-play installation. With our
wide range of output cards, including
communications, setpoints and
retransmitted analog, Red Lion can
handle your challenging applications
and changing requirements.
Integrate your process.
Extend the reach of Red Lion panel meters by connecting them to a Graphite® HMI,
Data Station Plus, or Modular Controller. Share panel meter data with other devices by
using one of the 300+ protocols and log panel meter data to an IT-ready file. Use pass-
through programming to configure the panel meter remotely, then modify panel meter
parameters if configuration changes are required.
When connected to a Graphite HMI, Data Station Plus or Modular Controller, a panel
meter can send alarm or event information via email or SMS. And you can view data
remotely using a web browser for real-time monitoring and control.
USB cards let you quickly connect to
computers and communicate directly to
the meters. No more messy converters.
Crimson software:
Easy-to-use, easier
to value.
Red Lion Graphite models are available in
7", 9", 10", 12" and 15" color touchscreens.
Extend your reach even further with Red Lion's
industrial switches and cellular products. Complete
network connectivity and communications featuring
built-in redundancy coupled with robust reliability
and security ensures infastructures like yours stay
up and running around the clock.
Plug-in flexibility and savings. Extendable solutions
change everything.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com