| Electronic Components Datasheet Search |
|
PCA8574 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8574 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 27 page ![]() PCA8574_PCA8574A_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 14 May 2007 7 of 27 NXP Semiconductors PCA8574/74A Remote 8-bit I/O expander for I2C-bus with interrupt 8. I/O programming 8.1 Quasi-bidirectional I/O architecture The PCA8574/74A’s 8 ports (see Figure 2) are entirely independent and can be used either as input or output ports. Input data is transferred from the ports to the microcontroller in the Read mode (see Figure 9). Output data is transmitted to the ports in the Write mode (see Figure 8). This quasi-bidirectional I/O can be used as an input or output without the use of a control signal for data directions. At power-on the I/Os are HIGH. In this mode only a current source (IOH) to VDD is active. An additional strong pull-up to VDD (Itrt(pu)) allows fast rising edges into heavily loaded outputs. These devices turn on when an output is written HIGH, and are switched off by the negative edge of SCL. The I/Os should be HIGH before being used as inputs. After power-on, as all the I/Os are set HIGH, all of them can be used as inputs. Any change in setting of the I/Os as either inputs or outputs can be done with the write mode. Remark: If a HIGH is applied to an I/O which has been written earlier to LOW, a large current (IOL) will flow to VSS. 8.2 Writing to the port (Output mode) To write, the master (microcontroller) first addresses the slave device. By setting the last bit of the byte containing the slave address to logic 0 the write mode is entered. The PCA8574/74A acknowledges and the master sends the data byte for P7 to P0 and is acknowledged by the PCA8574/74A. The 8-bit data is presented on the port lines after it has been acknowledged by the PCA8574/74A. The number of data bytes that can be sent successively is not limited. The previous data is overwritten every time a data byte has been sent. Table 5. PCA8574A address map A6 A5 A4 A3 A2 A1 A0 Address 011100038h 011100139h 01110103Ah 01110113Bh 01111003Ch 01111013Dh 01111103Eh 01111113Fh |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |