Electronic Components Datasheet Search
  English  ▼

X  

PCA8574 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA8574
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8574 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA8574 Datasheet HTML 8Page - NXP Semiconductors PCA8574 Datasheet HTML 9Page - NXP Semiconductors PCA8574 Datasheet HTML 10Page - NXP Semiconductors PCA8574 Datasheet HTML 11Page - NXP Semiconductors PCA8574 Datasheet HTML 12Page - NXP Semiconductors PCA8574 Datasheet HTML 13Page - NXP Semiconductors PCA8574 Datasheet HTML 14Page - NXP Semiconductors PCA8574 Datasheet HTML 15Page - NXP Semiconductors PCA8574 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PCA8574_PCA8574A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 14 May 2007
12 of 27
NXP Semiconductors
PCA8574/74A
Remote 8-bit I/O expander for I2C-bus with interrupt
10. Application design-in information
10.1 Bidirectional I/O expander applications
In the 8-bit I/O expander application shown in Figure 15, P0 and P1 are inputs, and P2 to
P7 are outputs. When used in this configuration, during a write, the input (P0 and P1)
must be written as HIGH so the external devices fully control the input ports. The desired
HIGH or LOW logic levels may be written to the I/Os used as outputs (P2 to P7). During a
read, the logic levels of the external devices driving the input ports (P0 and P1) and the
previous written logic level to the output ports (P2 to P7) will be read.
The GPIO also has an interrupt line (INT) that can be connected to the interrupt logic of
the microprocessor. By sending an interrupt signal on this line, the remote I/O informs the
microprocessor that there is incoming data or a change of data on its ports without having
to communicate via the I2C-bus.
10.2 High current-drive load applications
The GPIO has a maximum sinking current of 25 mA per bit. In applications requiring
additional drive, two port pins in the same octal may be connected together to sink up to
50 mA current. Both bits must then always be turned on or off together. Up to 8 pins (one
octal) can be connected together to drive 200 mA.
Fig 15. Bidirectional I/O expander application
002aac123
VDD
temperature sensor
battery status
control for latch
control for switch
control for audio
control for camera
control for MP3
P0
P1
P2
P3
P4
P5
P6
P7
VDD
SDA
SCL
INT
AD0
AD1
AD2
CORE
PROCESSOR
VDD
Fig 16. High current-drive load application
002aac124
VDD
P0
P1
P2
P3
P4
P5
P6
P7
VDD
SDA
SCL
INT
AD0
AD1
AD2
CORE
PROCESSOR
VDD
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com