Electronic Components Datasheet Search
  English  ▼

X  

LT6004HDD Datasheet(PDF) 1 Page - Linear Technology

Part # LT6004HDD
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004HDD Datasheet(HTML) 1 Page - Linear Technology

  LT6004HDD Datasheet HTML 1Page - Linear Technology LT6004HDD Datasheet HTML 2Page - Linear Technology LT6004HDD Datasheet HTML 3Page - Linear Technology LT6004HDD Datasheet HTML 4Page - Linear Technology LT6004HDD Datasheet HTML 5Page - Linear Technology LT6004HDD Datasheet HTML 6Page - Linear Technology LT6004HDD Datasheet HTML 7Page - Linear Technology LT6004HDD Datasheet HTML 8Page - Linear Technology LT6004HDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6003/LT6004/LT6005
1
600345f
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
DESCRIPTION
1.6V, 1µA Precision
Rail-to-Rail Input and
Output Op Amps
The LT®6003/LT6004/LT6005 are single/dual/quad op
amps designed to maximize battery life and performance
for portable applications. These amplifiers operate on sup-
plies as low as 1.6V and are fully specified and guaranteed
over temperature on 1.8V, 5V and ±8V supplies while only
drawing 1µA maximum quiescent current.
The ultralow supply current and low operating voltage are
combined with excellent amplifier specifications; input
offset voltage of 500µV maximum with a typical drift of
only 1µV/°C, input bias current of 90pA maximum, open
loop gain of 100,000 and the ability to drive 500pF capaci-
tive loads, making the LT6003/LT6004/LT6005 amplifiers
ideal when excellent performance is required in battery
powered applications.
The single LT6003 is available in the 5-pin TSOT-23 and tiny
2mm × 2mm DFN packages. The dual LT6004 is available in
the 8-pin MSOP and 3mm × 3mm DFN packages. The quad
LT6005 is available in the 16-pin TSSOP and 5mm × 3mm
DFN packages. These devices are specified over the com-
mercial, industrial and automotive temperature ranges.
■
Wide Supply Range: 1.6V to 16V
■
Low Supply Current: 1µA/Amplifier Max
■
Low Input Bias Current: 90pA Max
■
Low Input Offset Voltage: 500µV Max
■
Low Input Offset Voltage Drift: 1µV/°C
■
CMRR: 100dB
■
PSRR: 95dB
■
AVOL Driving 20kΩ Load: 100,000 Min
■
Capacitive Load Handling: 500pF
■
Specified from –40°C to 125°C
■
Tiny 2mm × 2mm DFN Package
■
Portable Gas Monitors
■
Battery- or Solar-Powered Systems
■
Low Voltage Signal Processing
■
Micropower Active Filters
TYPICAL APPLICATION
Micropower Oxygen Sensor
OXYGEN SENSOR
CITY TECHNOLOGY
4OX(2)
www.citytech.com
100k
1%
100k
1%
VOUT = 1V IN AIR
ISUPPLY = 0.95µA
10M
1%
1.6V
LT6003
600345 TA01a
100
Ω
1%
Start-Up Characteristics
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0.5
0.7
0.9
0
1.0
2.5
1.3
1.5
1.7
600345 TA01b
0.5
2.0
1.5
1.1
1.9
2.1
AV = 1
VCM = 0.5V
TA = 125°C
TA = 25°C
TA = 85°C
TA = –55°C


Similar Part No. - LT6004HDD

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT6004 LINEAR_DIMENSIONS-LT6004 Datasheet
1Mb / 20P
1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT6004 LINER-LT6004 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LT6004 LINER-LT6004 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
LT6004 AD-LT6004 Datasheet
2Mb / 32P
2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
Rev. C
LT6004 AD-LT6004 Datasheet
4Mb / 30P
10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
Rev. B
More results

Similar Description - LT6004HDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Dimensions Semic...
LT6003CDC-TRMPBF LINEAR_DIMENSIONS-LT6003CDC-TRMPBF Datasheet
1Mb / 20P
1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6003 LINER-LT6003_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6004 LINER-LT6004_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6005 LINER-LT6005_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com