Electronic Components Datasheet Search
  English  ▼

X  

LT6004HDD Datasheet(PDF) 5 Page - Linear Technology

Part # LT6004HDD
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004HDD Datasheet(HTML) 5 Page - Linear Technology

  LT6004HDD Datasheet HTML 1Page - Linear Technology LT6004HDD Datasheet HTML 2Page - Linear Technology LT6004HDD Datasheet HTML 3Page - Linear Technology LT6004HDD Datasheet HTML 4Page - Linear Technology LT6004HDD Datasheet HTML 5Page - Linear Technology LT6004HDD Datasheet HTML 6Page - Linear Technology LT6004HDD Datasheet HTML 7Page - Linear Technology LT6004HDD Datasheet HTML 8Page - Linear Technology LT6004HDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT6003/LT6004/LT6005
5
600345f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6003S5, LT6004MS8
LT6005GN
LT6004DD, LT6005DHC
LT6003DC
●
●
●
●
1.5
1.7
1.9
2.1
mV
mV
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift (Note 5)
S5, MS8, GN
DC, DD, DHC
●
●
2
3
6
8
µV/°C
µV/°C
IB
Input Bias Current (Note 7)
LT6003, VCM = 0.3V, V
+ – 0.3V
LT6004, LT6005, VCM = 0.3V, V
+ – 0.3V
●
●
6
12
nA
nA
IOS
Input Offset Current (Note 7)
LT6003, VCM = 0.3V, V
+ – 0.3V
LT6004, LT6005, VCM = 0.3V, V
+ – 0.3V
●
●
2
4
nA
nA
CMRR
Common Mode Rejection Ratio
(Note 7)
VS = 1.8V
VCM = 0.3V to 0.7V
VCM = 0.3V to 1.5V, S5, MS8, GN
VCM = 0.3V to 1.5V, DC, DD, DHC
●
●
●
67
57
55
dB
dB
dB
VS = 5V
VCM = 0.3V to 3.9V
VCM = 0.3V to 4.7V, S5, MS8, GN
VCM = 0.3V to 4.7V, DC, DD, DHC
●
●
●
86
68
66
dB
dB
dB
Input Offset Voltage Shift (Note 7)
VCM = 0.3V to V
+ – 1.1V
VCM = 0.3V to V
+ – 0.3V, S5, MS8, GN
VCM = 0.3V to V
+ – 0.3V, DC, DD, DHC
●
●
●
180
1.7
2.2
µV
mV
mV
Input Voltage Range
Guaranteed by CMRR
●
0.3
V+ – 0.3V
V
PSRR
Power Supply Rejection Ratio
VS = 1.7V to 6V, VCM = 0.5V
●
76
dB
Minimum Supply
Guaranteed by PSRR
●
1.7
V
AVOL
Large Signal Voltage Gain (Note 7)
VS = 1.8V, RL = 20kΩ, VOUT = 0.4V to 1.25V
●
4
V/mV
VS = 5V, RL = 20kΩ, VOUT = 0.4V to 4.25V
●
20
V/mV
VOL
Output Swing Low (Notes 6, 8)
No Load
ISINK = 100µA
●
●
60
275
mV
mV
VOH
Output Swing High (Notes 6, 9)
No Load
ISOURCE = 100µA
●
●
120
400
mV
mV
ISC
Short Circuit Current (Note 8)
Short to GND
●
0.5
mA
Short to V+
●
0.5
mA
IS
Supply Current per Amplifier
VS = 1.8V
VS = 5V
●
●
2.2
2.5
µA
µA
SR
Slew Rate (Note 8)
AV = –1, RF = RG = 1MΩ
●
0.2
V/ms
ELECTRICAL CHARACTERISTICS (LT6003H, LT6004H, LT6005H) The ● denotes the specifications which
apply over the full specified temperature range of –40°C ≤ TA ≤ 125°C. VS = 1.8V, 0V, VCM = 0.5V; VS = 5V, 0V, VCM = 2.5V, VOUT = half
supply, RL to ground, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com