Electronic Components Datasheet Search
  English  ▼

X  

ISL85003AEVAL2Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL85003AEVAL2Z
Description  Highly Efficient 3A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85003AEVAL2Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL85003AEVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISL85003, ISL85003A
FN7968 Rev.3.02
Page 4 of 23
Apr 15, 2024
Pin Configurations
ISL85003
(12 ld 3X4 DFN)
TOP VIEW
ISL85003A
(12 LD 3X4 DFN)
TOP VIEW
SYNC
PG
EN
FB
COMP
BOOT
VDD
VIN
VIN
PHASE
AGND
2
3
4
1
5
11
10
9
12
8
6
7 PHASE
PGND
13
SS
PG
EN
FB
COMP
BOOT
VDD
VIN
VIN
PHASE
AGND
2
3
4
1
5
11
10
9
12
8
6
7 PHASE
PGND
13
Pin Descriptions
PIN
NUMBER
PIN
NAME
DESCRIPTION
1
(ISL85003)
SYNC
Synchronization and mode selection input. Connect to VDD for CCM mode. Connect to AGND for DCM mode. Connect to an
external function generator for synchronization with the positive edge trigger. There is an internal 1MΩ pull-up resistor to VDD,
which prevents an undefined logic state in cases where SYNC is floating.
1
(ISL85003A)
SS
Soft-Start input. This pin provides a programmable soft-start. When the chip is enabled, the regulated 4µA pull-up current
source charges a capacitor connected from SS to ground. The output voltage of the converter follows the ramping voltage on
this pin. Without the external capacitor, the default soft-start is 2ms.
2
PG
Power-good open-drain output. Connect 10kΩ to 100kΩ pull-up resistor between PG and VDD or between PG and a voltage not
exceeding 5.5V. PG transitions high about 1ms after the switching regulator’s output voltage reaches the regulation threshold,
which is 85% of the regulated output voltage typically.
3
EN
Enable input. The regulator is held off when the pin is pulled to ground. The device is enabled when the voltage on this pin rises
above 0.6V.
4
FB
Feedback input. The synchronous buck regulator employs a current mode control loop. FB is the negative input to the voltage
loop error amplifier. The output voltage is set by an external resistor divider connected to FB. The output voltage can be set to
any voltage between the power rail (reduced by converter losses) and the 0.8V reference.
5
COMP
Compensation node. This pin is connected to the output of the error amplifier, and is used to compensate the loop. Internal
compensation is used to meet most applications. Connect COMP to AGND to select internal compensation. Connect a
compensation network between COMP and FB to use external compensation.
6
AGND
The AGND terminal provides the return path for the core analog control circuitry within the device. Connect AGND to the board
ground plane. AGND and PGND are connected internally within the device. Do not operate the device with AGND and PGND
connected to dissimilar voltages.
7, 8
PHASE Phase switch output node. This is the main output of the device. Connect to the external output inductor.
9, 10
VIN
Voltage supply input. The main power input for the IC. Connect to a suitable voltage supply. Place a ceramic capacitor from VIN
to PGND, close to the IC for decoupling (typical 10µF).
11
VDD
Low dropout linear regulator decoupling pin. VDD is the internally generated 5V supply voltage and is derived from VIN. The
VDD is used to power all the internal core analog control blocks and drivers. Connect a 1µF capacitor from VDD to the board
ground plane. If VIN is between 4.5V to 5.5V, then connect VDD directly to VIN to improve efficiency.
12
BOOT
Bootstrap input. Floating bootstrap supply pin for the upper power MOSFET gate driver. Connect a 0.1µF capacitor between
BOOT and PHASE.
13
(EPAD)
PGND
Power ground terminal. Provides thermal relief for the package and is connected to the source of the low-side output MOSFET.
Connect PGND to the board ground plane using as many vias as possible. AGND and PGND are connected internally within the
device. Do not operate the device with AGND and PGND connected to dissimilar voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com