Electronic Components Datasheet Search
  English  ▼

X  

ISL85003AEVAL2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL85003AEVAL2Z
Description  Highly Efficient 3A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85003AEVAL2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL85003AEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85003AEVAL2Z Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL85003, ISL85003A
FN7968 Rev.3.02
Page 21 of 23
Apr 15, 2024
Layout Considerations
The layout is very important in high frequency switching
converter design. With power devices switching efficiently at
500kHz, the resulting current transitions from one device to
another cause voltage spikes across the interconnecting
impedances and parasitic circuit elements. These voltage spikes
can degrade efficiency, radiate noise into the circuit, and lead to
device overvoltage stress. Careful component layout and printed
circuit board design minimizes these voltage spikes.
As an example, consider the turn-off transition of the upper
MOSFET. Prior to turn-off, the MOSFET is carrying the full load
current. During turn-off, current stops flowing in the MOSFET and
is picked up by the internal body diode. Any parasitic inductance
in the switched current path generates a large voltage spike
during the switching interval. Careful component selection, tight
layout of the critical components and short, wide traces minimize
the magnitude of voltage spikes.
There are two sets of critical components in the regulator
switching converter. The switching components are the most
critical because they switch large amounts of energy and
therefore tend to generate large amounts of noise. Next are the
small signal components, which connect to sensitive nodes or
supply critical bypass current and signal coupling.
A multi-layer printed circuit board is recommended. Figure 50
shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer, usually a middle layer of the PC board, for a ground plane
and make all critical component ground connections with vias to
this layer. Dedicate another solid layer as a power plane and
break this plane into smaller islands of common voltage levels.
Keep the metal runs from the PHASE terminals to the output
inductor short. The power plane should support the input power
and output power nodes. Use copper filled polygons on the top
and bottom circuit layers for the phase nodes. Use the remaining
printed circuit layers for small signal wiring.
In order to dissipate heat generated by the internal LDO and
MOSFETs, the ground pad should be connected to the internal
ground plane through at least five vias. This allows the heat to
move away from the IC and also ties the pad to the ground plane
through a low impedance path.
The switching components should be placed close to the
regulator first. Minimize the length of the connections between
the input capacitors, CIN, and the power switches by placing
them nearby. Position both the ceramic and bulk input capacitors
as close to the upper MOSFET drain as possible.
The critical small signal components include any bypass
capacitors, feedback components and compensation
components. Place the compensation components close to the
FB and COMP pins. The feedback resistors should be located as
close as possible to the FB pin with vias tied straight to the
ground plane.
FIGURE 50. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
VIN
ISL85003
PHASE
PGND
COMP
FB
PGND PAD
R2
R1
C7
C6
R6
COUT1
VOUT1
CIN
VIN
L
ISLAND ON CIRCUIT AND/OR POWER PLANE LAYER
VIA CONNECTION TO GROUND PLANE
KEY
ISL85003A
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com