Electronic Components Datasheet Search
  English  ▼

X  

ATC Datasheet(PDF) 1 Page - YAGEO Corporation

Part # ATC
Description  Miniature, High power, Wirewound ATC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATC Datasheet(HTML) 1 Page - YAGEO Corporation

  ATC Datasheet HTML 1Page - YAGEO Corporation ATC Datasheet HTML 2Page - YAGEO Corporation ATC Datasheet HTML 3Page - YAGEO Corporation ATC Datasheet HTML 4Page - YAGEO Corporation ATC Datasheet HTML 5Page - YAGEO Corporation ATC Datasheet HTML 6Page - YAGEO Corporation ATC Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
無法顯示連結的影像。檔案可能已移動、重新命名或刪除。請檢查連結是否指向正確的檔案及位置。
DATA SHEET
ALUMINUM HOUSED RESISTORS
Miniature, High power, Wirewound
ATC Series
±5%
40W
RoHS compliant & Halogen Free


Similar Part No. - ATC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ATC ASTRODYNE-ATC Datasheet
244Kb / 3P
10 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ATC ARCH-ATC Datasheet
401Kb / 5P
AC-DC Power Module
logo
Eaton All Rights Reserv...
ATC EATON-ATC Datasheet
477Kb / 4P
Blade fuses
logo
M-System Co.,Ltd.
ATC MSYSTEM-ATC Datasheet
134Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ATC-0111-B MSYSTEM-ATC-0111-B Datasheet
134Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
More results

Similar Description - ATC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RW1NT103 KOA-RW1NT103 Datasheet
97Kb / 2P
coat insulated miniature precision power wirewound resistors
logo
Ohmite Mfg. Co.
WHAR10FE OHMITE-WHAR10FE Datasheet
119Kb / 1P
Miniature Molded Wirewound
WLAR005FE OHMITE-WLAR005FE Datasheet
120Kb / 1P
Miniature Wirewound Current Sense
logo
KOA Speer Electronics, ...
RW12NT103J KOA-RW12NT103J Datasheet
285Kb / 2P
coat insulated miniature precision power wirewound resistors
logo
Ohmite Mfg. Co.
WHC100FET OHMITE-WHC100FET Datasheet
205Kb / 2P
Miniature Molded Wirewound
logo
List of Unclassifed Man...
CR1 ETC2-CR1 Datasheet
59Kb / 1P
ATC HIGH POWER RESISTIVE PRODUCTS
logo
Ohmite Mfg. Co.
WHC1K0FET OHMITE-WHC1K0FET Datasheet
305Kb / 2P
Miniature Molded Wirewound
WND10RFET OHMITE-WND10RFET Datasheet
305Kb / 2P
Miniature Molded Wirewound
WNBR50FET OHMITE-WNBR50FET Datasheet
305Kb / 2P
Miniature Molded Wirewound
logo
Vishay Siliconix
G00310R00FS7080 VISHAY-G00310R00FS7080 Datasheet
197Kb / 3P
Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead
15-Nov-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com