Electronic Components Datasheet Search
  English  ▼

X  

ATC Datasheet(PDF) 3 Page - YAGEO Corporation

Part # ATC
Description  Miniature, High power, Wirewound ATC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATC Datasheet(HTML) 3 Page - YAGEO Corporation

  ATC Datasheet HTML 1Page - YAGEO Corporation ATC Datasheet HTML 2Page - YAGEO Corporation ATC Datasheet HTML 3Page - YAGEO Corporation ATC Datasheet HTML 4Page - YAGEO Corporation ATC Datasheet HTML 5Page - YAGEO Corporation ATC Datasheet HTML 6Page - YAGEO Corporation ATC Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Aluminum Housed Resistors
3
7
Product Specification
ATC
Through Hole Resistors
DIMENSIONS
TYPE
DIMENSIONS
Unit: mm
Normal
L1
L2
W
H
D
L3
L5
h
ATC40A
90±2.0
84±2.0
20±1.0
8.0±1.0
3.3±0.5
260
+10
-5
225~240
12.8±1.0
DERATING CURVE
Rated Power (%)
100
80
60
40
20
25
275
Ambient Temperature (°C)
W
D
PIN3:BRAKE RESISTOR(+)
PIN2:N/A
PIN1:BRAKE RESISTOR(-)
H
L2
L1
L5(heat shrink tubing)
L3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com