Electronic Components Datasheet Search
  English  ▼

X  

ATH Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ATH
Description  Aluminum Housed ResistorsX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATH Datasheet(HTML) 2 Page - YAGEO Corporation

  ATH Datasheet HTML 1Page - YAGEO Corporation ATH Datasheet HTML 2Page - YAGEO Corporation ATH Datasheet HTML 3Page - YAGEO Corporation ATH Datasheet HTML 4Page - YAGEO Corporation ATH Datasheet HTML 5Page - YAGEO Corporation ATH Datasheet HTML 6Page - YAGEO Corporation ATH Datasheet HTML 7Page - YAGEO Corporation ATH Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Aluminum Housed Resistors
2
8
Product Specification
ATH
Through Hole Resistors
APPLICATIONS
Power, pulse application
Industry electronic
Large-sized machinery
FEATURES
Reduced size
High power rating up to
1800W
Excellent surge performance
Aluminum case for severe
environments
RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the aluminum housed power wirewound resistor is
identified by the series, power rating, tolerance, packing, temperature
coefficient, type and resistance value.
PART NUMBER
ATH
30B
J
B
-
AAK
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES NAME
ATH Series
(2) POWER RATING
40A = 40W
60A = 60W
80A = 80W
10B = 100W
12B = 120W
15B = 150W
20B = 200W
30B = 300W
40B = 400W
50B = 500W
60B = 600W
80B = 800W
10C = 1000W
12C = 1200W
15C= 1500W
18C= 1800W
80S = 80W
1BS= 100W
(3) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
K = ±10%
(4) PACKAGING TYPE
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) TYPE
Optional code, represents specific requirement
Example:
AAK = 500mm leaded wire length
TUC =300mm leaded wire length
AAP = 500mm leaded wire length, 2-5s connector
ABA = 500 leaded wire length, RV2-4 connector
Null = 200mm leaded wire length
(7) RESISTANCE VALUE
E24 & E96 Series
Example:
1R = 1Ω, 10R = 10Ω, 1K = 1,000Ω…….



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com