Electronic Components Datasheet Search
  English  ▼

X  

ATH Datasheet(PDF) 4 Page - YAGEO Corporation

Part # ATH
Description  Aluminum Housed ResistorsX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATH Datasheet(HTML) 4 Page - YAGEO Corporation

  ATH Datasheet HTML 1Page - YAGEO Corporation ATH Datasheet HTML 2Page - YAGEO Corporation ATH Datasheet HTML 3Page - YAGEO Corporation ATH Datasheet HTML 4Page - YAGEO Corporation ATH Datasheet HTML 5Page - YAGEO Corporation ATH Datasheet HTML 6Page - YAGEO Corporation ATH Datasheet HTML 7Page - YAGEO Corporation ATH Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Aluminum Housed Resistors
4
8
Product Specification
ATH
Through Hole Resistors
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS ATH40A ATH60A ATH80A ATH10B ATH12B ATH15B ATH20B ATH30B ATH40B
Power Rating
at 25 °C
40W
60W
80W
100W
120W
150W
200W
300W
400W
Maximum
Working Voltage
300V
400V
500V
600V
700V
900V
1000V
1500V
1600V
Maximum Overload
Voltage
300V
400V
500V
600V
700V
900V
1000V
1500V
1600V
Voltage Proof on
Insulation (Vrms)
1500V
3000V
3000V
3000V
3000V
3000V
3000V
3000V
3000V
Resistance
Range
0.5Ω ~
2.2KΩ
0.5Ω ~
4.7KΩ
1Ω ~
6KΩ
1.5Ω ~
8KΩ
2Ω ~
10KΩ
2Ω ~
12KΩ
2Ω ~
15KΩ
3Ω ~
18KΩ
3Ω ~
20KΩ
Operating Temp.
Range
- 55°C to +275°C
Temperature
Coefficient
±300ppm/°C
Note: For resistance value out of above range is by request.
CHARACTERISTICS ATH50B ATH60B ATH80B ATH10C ATH12C ATH15C ATH18C ATH80S ATH1BS
Power Rating
at 25 °C
500W
600W
800W
1000W
1200W
1500W
1800W
80W
100W
Maximum
Working Voltage
1600V
1700V
1800V
2000V
2100V
2200V
2300V
500V
500V
Maximum Overload
Voltage
1600V
1700V
1800V
2000V
2100V
2200V
2300V
500V
500V
Voltage Proof on
Insulation (Vrms)
3000V
3000V
3000V
3000V
3000V
3000V
3000V
3000V
3000V
Resistance
Range
3Ω ~
25KΩ
3Ω ~
25KΩ
3Ω ~
25KΩ
3Ω ~
30KΩ
3Ω ~
30KΩ
3Ω ~
35KΩ
3Ω ~
35KΩ
3Ω ~
7.2KΩ
3Ω ~
7.2KΩ
Operating Temp.
Range
- 55°C to +275°C
Temperature
Coefficient
±300ppm/°C
Note: For resistance value out of above range is by request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com