Electronic Components Datasheet Search
  English  ▼

X  

UHC124 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # UHC124
Description  High Performance Four-Port Embedded USB Host Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UHC124 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  UHC124 Datasheet HTML 1Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 2Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 3Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 4Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 5Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Product Brief
TransDimension
UHC124
TransDimension Inc. — Proprietary
5
36
VSS
Ground
Ground. All four pins must be connected.
37
DP2
Bidir
Port 2 Differential Data (+) for USB I/O.
38
DM2
Bidir
Port 2 Differential Data (-) for USB I/O.
39
DP3
Bidir
Port 3 Differential Data (+) for USB I/O.
40
DM3
Bidir
Port 3 Differential Data (-) for USB I/O.
41
DP4
Bidir
Port 4 Differential Data (+) for USB I/O.
42
DM4
Bidir
Port 4 Differential Data (-) for USB I/O.
43
TEST4
Bidir
Test Signal I/O: used only for factory testing; working in output mode during
normal operation.
44
D0
Bidir
Data bus: Bit 0.
45
D1
Bidir
Data bus: Bit 1.
46
D2
Bidir
Data bus: Bit 2.
47
D3
Bidir
Data bus: Bit 3.
48
VDD
Power
3.3V Power Supply. All four pins must be connected.
49
VSS
Ground
Ground. All four pins must be connected.
50
D4
Bidir
Data bus: Bit 4.
51
D5
Bidir
Data bus: Bit 5.
52
D6
Bidir
Data bus: Bit 6.
53
D7
Bidir
Data bus: Bit 7.
54
/RESET
In
Hardware Reset: resets entire USB system; active low.
55
/WR
In
Bus Write Strobe: active low.
56
/RD
In
Bus Read Strobe: active low.
57
TMS0
In
Test Mode Select: used only for factory testing; connect to VSS for normal
operation.
58
TMS1
In
Test Mode Select: used only for factory testing; connect to VSS for normal
operation.
59
TMS2
In
Test Mode Select: used only for factory testing; connect to VSS for normal
operation.
60
TMS3
In
Test Mode Select: used only for factory testing; connect to VSS for normal
operation.
61
/INT
Ouput
Interrupt: generated for microprocessor; active low.
62
ADS
In
Address/Data Select: see description of Pin MODE; When MODE = 1, this pin
has no effect, and it should be tied to VSS for noise immunity.
63
GNDP
In
Voltage Reference: for built-in power on reset (POR), connect to VSS (ground)
for normal operation.
64
VSS
Ground
Ground. All four pins must be connected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com