Electronic Components Datasheet Search
  English  ▼

X  

UHC124 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UHC124
Description  High Performance Four-Port Embedded USB Host Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UHC124 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  UHC124 Datasheet HTML 1Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 2Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 3Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 4Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 5Page - List of Unclassifed Manufacturers UHC124 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TransDimension
Product Brief
UHC124
TransDimension Inc. — Proprietary
6
Package (64 pin LQFP)
For additional information, contact your TransDimension Sales Representative:
INTERNET:
http://www.transdimension.com
E-MAIL:
sales@transdimension.com, techsupport@transdimension.com
Headquarters/
North America :
TransDimension Inc., 2 Venture, Irvine, CA 92618. Tel. (949) 727-2020, FAX (949) 727-3232
Japan:
TransDimension Inc., OYA Bldg. 5, 3 Chome-9-6, Nishishinjuku, Shinjuku-ku, Tokyo, Japan. Tel. +81 (3) 5308 7525, FAX +81 (3) 5308 7526
Masanori Sugane, e-mail: sugane@transdimension.com
Europe:
TransDimension Inc., 7 The Orchard, Hilton, Derbyshire, UK, DE65 5JF. Tel. +44 1283 730045, FAX +44 1283 730651
Neil Huntingdon, e-mail: nhuntingdon@transdimension.com
WorldWide Reps.: See detailed listing for your area TransDimension representatives by viewing http://www.transdimension.com
________________________________________________________________________________________________________________________________________
THE DEVICE AND ITS DOCUMENTATION ARE PROVIDED “AS IS”. TRANSDIMENSION HEREBY DISCLAIMS ALL WARRANTIES, EXPRESS, STATUTORY AND IMPLIED, APPLICABLE TO THE SOFTWARE AND ITS DOCUMENTATION
AND ANY RELATED PRODUCTS, INCLUDING, BUT NOT LIMITED TO, ANY WARRANTY OF MERCHANTABILITY, NON-INFRINGEMENT OR FITNESS FOR A PARTICULAR PURPOSE. TRANSDIMENSION ASSUMES NO LIABILITY FOR
ANY ACT OR OMISSION OF LICENSEE. IN NO EVENT SHALL TRANSDIMENSION BE LIABLE FOR DIRECT, SPECIAL, INDIRECT, INCIDENTAL, PUNITIVE, EXEMPLARY OR CONSEQUENTIAL DAMAGES, INCLUDING, WITHOUT
LIMITATION, LOSS OF PROFITS OR REVENUE, LOSS OF PRODUCTS, DATA OR ANY ASSOCIATED EQUIPMENT, COST OF CAPITAL, COST OF SUBSTITUTED EQUIPMENT OR PARTS, FACILITIES OR SERVICES, DOWN-TIME OR
LABOR COSTS, EVEN IF TRANSDIMENSION HAS BEEN ADVISED OF THE POSSIBILITY THEREOF. The device and any related products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical
applications. Any such use and subsequent liabilities that may arise from such use are totally the responsibilities of the Licensee. Copyright © 2002, TransDimension Inc., All rights reserved. All product names are trademarks or registered trademarks of their
respective owners.
All Rights Reserved
Printed in U.S.
January 2002
MU1012-Rev. 1.3
56579A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VSS 49
32
/PO4
D4 50
31
/PO3
D5 51
30
/PO2
D6 52
29
/PO1
D7 53
28
/OC4
/RESET
54
27
/OC3
/WR
55
26
/OC2
/RD
56
25
/OC1
TMS0 57
24
TEST3
TMS1 58
23
TEST2
TMS2 59
22
TEST1
TMS3 60
21
TEST0
/INT
61
20
VDD
ADS
62
19
LPF
GNDP
63
18
OSC2
VSS 64
17
OSC1
?
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Figure 2. UHC124 Pinout - 64 pin LQFP (Top View)
56579A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com