Electronic Components Datasheet Search
  English  ▼

X  

NP0 Datasheet(PDF) 13 Page - YAGEO Corporation

Part # NP0
Description  Surface-Mount Ceramic Multilayer Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0 Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button NP0 Datasheet HTML 6Page - YAGEO Corporation NP0 Datasheet HTML 7Page - YAGEO Corporation NP0 Datasheet HTML 8Page - YAGEO Corporation NP0 Datasheet HTML 9Page - YAGEO Corporation NP0 Datasheet HTML 10Page - YAGEO Corporation NP0 Datasheet HTML 11Page - YAGEO Corporation NP0 Datasheet HTML 12Page - YAGEO Corporation NP0 Datasheet HTML 13Page - YAGEO Corporation NP0 Datasheet HTML 14Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.yageo.com
Apr.14, 2025 V.1
Surface-Mount Ceramic Multilayer Capacitors
Safety Certification
X1/Y2 & X2/Y3
NP0/X7R
13
14
Product specification
.
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 1
Apr. 14, 2025
-
- Add NPO, 1808, X2 Series
Version 0
May 21, 2024
-
- New datasheet for high voltage NP0/X7R series with lead-free
terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com