Electronic Components Datasheet Search
  English  ▼

X  

NP0 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # NP0
Description  Surface-Mount Ceramic Multilayer Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0 Datasheet(HTML) 2 Page - YAGEO Corporation

  NP0 Datasheet HTML 1Page - YAGEO Corporation NP0 Datasheet HTML 2Page - YAGEO Corporation NP0 Datasheet HTML 3Page - YAGEO Corporation NP0 Datasheet HTML 4Page - YAGEO Corporation NP0 Datasheet HTML 5Page - YAGEO Corporation NP0 Datasheet HTML 6Page - YAGEO Corporation NP0 Datasheet HTML 7Page - YAGEO Corporation NP0 Datasheet HTML 8Page - YAGEO Corporation NP0 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.yageo.com
Apr.14, 2025 V.1
Surface-Mount Ceramic Multilayer Capacitors
Safety Certification
X1/Y2 & X2/Y3
NP0/X7R
2
14
Product specification
SCOPE
This specification describes safety
certification NP0/X7R series chip
capacitors with lead-free
terminations.
APPLICATIONS
PCs, Notebook
Networking
Power supplies
FEATURES
Supplied in tape on reel
Nickel-barrier end
termination
RoHS compliant
Halogen Free compliant
MARKING
SC: Safety Cap
ST: Safety Cap with
Soft-Termination
ORDERING INFORMATION - GLOBAL PART NUMBER, PHYCOMP
CTC & 12NC
All part numbers are identified by the series, size, tolerance, TC material,
packing style, voltage, process code, termination and capacitance value.
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (PREFERRED)
XX XXXX X X XXX X B X XXX
(1)
(2)
(3) (4) (5) (6)
(7) (8)
(1) SERIES
SC : Safety Capacitor
ST : Safety Capacitor with Soft-Termination
(2) SIZE – INCH BASED (METRIC)
1808 (4520)
1812(4532)
2211 (5728)
2220 (5750)
(3) TOLERANCE
J = ± 5%
K = ± 10%
M = ± 20%
(4) PACKING STYLE
K = Blister taping reel; Reel 7 inch
(5) TC MATERIAL
NPO
X7R
(6) IMPULSE VOLTAGE
W = X1/Y2 Series for TUV/UL
T = X2 Series for TUV/UL
(7) PROCESS
N = NP0
B = Class 2 product
(8) CAPACITANCE VALUE
2 significant digits+number of zeros
The 3rd digit signifies the multiplying factor, and letter R is decimal point
Example: 121 = 12 x 101 = 120 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com