Electronic Components Datasheet Search
  English  ▼

X  

PSM Datasheet(PDF) 3 Page - YAGEO Corporation

Part # PSM
Description  Fiberglass Cement Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PSM Datasheet(HTML) 3 Page - YAGEO Corporation

  PSM Datasheet HTML 1Page - YAGEO Corporation PSM Datasheet HTML 2Page - YAGEO Corporation PSM Datasheet HTML 3Page - YAGEO Corporation PSM Datasheet HTML 4Page - YAGEO Corporation PSM Datasheet HTML 5Page - YAGEO Corporation PSM Datasheet HTML 6Page - YAGEO Corporation PSM Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Fiberglass Cement Resistors
3
7
Product Specification
PSM
Through Hole Resistors
DIMENSIONS
Unit: mm
Normal
Miniature L
W
H
ψd
PSM400
-
20±1.0
7.0±0.5
8.0±0.4
0.8±0.02
PSM500
-
25±1.0
7.0±0.5
8.0±0.4
0.8±0.02
-
PSM7WS
25±1.0
9.0±0.4
10.0±0.4
0.8±0.02
PSM700
-
38±1.0
7.0±0.5
8.0±0.4
0.8±0.02
PSM900
-
38±1.0
9.0±0.4
10.0±0.4
0.8±0.02
PSM11A
-
50±1.0
9.0±0.4
10.0±0.4
0.8±0.02
PSM17A
-
75±1.0
9.0±0.4
10.0±0.4
0.8±0.02
DERATING CURVE
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
PSM400
PSM500
PSM7WS
PSM700
PSM900
PSM11A
PSM17A
Power Rating at 70 °C
4W
5W
7W
7W
9W
11W
17W
Voltage Proof on Insulation
2000V
2000V
2000V
2000V
2000V
2000V
2000V
Maximum Working Voltage
√(P X R)
Resistance Range
0.1Ω ~
2.2KΩ
0.1Ω ~
2.2KΩ
0.1Ω ~
2.5KΩ
0.1Ω ~
3.9KΩ
0.1Ω ~
3.9KΩ
1Ω ~
10KΩ
1Ω ~
10KΩ
Operating Temp. Range
- 55°C to +275°C
Temperature Coefficient
see table I
Note: For resistance value out of above range is by request.
Rated Power (%)
100
80
60
40
20
70
275
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com