Electronic Components Datasheet Search
  English  ▼

X  

PSM Datasheet(PDF) 5 Page - YAGEO Corporation

Part # PSM
Description  Fiberglass Cement Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PSM Datasheet(HTML) 5 Page - YAGEO Corporation

  PSM Datasheet HTML 1Page - YAGEO Corporation PSM Datasheet HTML 2Page - YAGEO Corporation PSM Datasheet HTML 3Page - YAGEO Corporation PSM Datasheet HTML 4Page - YAGEO Corporation PSM Datasheet HTML 5Page - YAGEO Corporation PSM Datasheet HTML 6Page - YAGEO Corporation PSM Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.yageo.com
Aug. 31, 2023 V.1
Fiberglass Cement Resistors
5
7
Product Specification
PSM
Through Hole Resistors
Note:
BULK PACKING
Unit: Piece
Normal
Miniature
PACKAGE
Quantity
PSM400
-
Bulk
1,000
PSM500
-
Bulk
1,500
PSM700
-
Bulk
600
-
PSM7WS
Bulk
500
PSM900
-
Bulk
500
PSM11A
-
Bulk
500
PSM17A
-
Bulk
500
MARKING
RCWV (Rated Continuous Working Voltage):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)
Example:
YAGEO
= Brand
1210
= Date code
7WS
= Power rating
100R
= Resistance
J
= Tolerance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com