Electronic Components Datasheet Search
  English  ▼

X  

SLR Datasheet(PDF) 1 Page - YAGEO Corporation

Part # SLR
Description  Cement Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SLR Datasheet(HTML) 1 Page - YAGEO Corporation

  SLR Datasheet HTML 1Page - YAGEO Corporation SLR Datasheet HTML 2Page - YAGEO Corporation SLR Datasheet HTML 3Page - YAGEO Corporation SLR Datasheet HTML 4Page - YAGEO Corporation SLR Datasheet HTML 5Page - YAGEO Corporation SLR Datasheet HTML 6Page - YAGEO Corporation SLR Datasheet HTML 7Page - YAGEO Corporation SLR Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
CEMENT RESISTORS
Low Ohmic, Metal Plate
Vertical Mount
SLR Series
±5%, ±10%
2W to 10W
RoHS compliant & Halogen Free


Similar Part No. - SLR

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLR SONGLERELAY-SLR Datasheet
3Mb / 2P
30A switching capability
logo
Littelfuse
SLR LITTELFUSE-SLR Datasheet
297Kb / 2P
Solid-State Relay - Non-Isolated
2016 Rev: 1-A-062716
logo
Lapp.
SLR LAPP-SLR Datasheet
289Kb / 1P
Strain relief cable glands
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
Ningbo songle relay co....
SLR-12VDC-R-A SONGLERELAY-SLR-12VDC-R-A Datasheet
3Mb / 2P
30A switching capability
More results

Similar Description - SLR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
logo
MERITEK ELECTRONICS COR...
SQM MERITEK-SQM Datasheet
222Kb / 6P
Cement Wirewound Resistors (Radial Type)
logo
Welwyn Components Limit...
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
Cement Coated Wirewound Resistors
logo
RFE international
SQH RFE-SQH Datasheet
465Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQHG RFE-SQHG Datasheet
467Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQM RFE-SQM Datasheet
459Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.30
SQP RFE-SQP Datasheet
786Kb / 2P
Cement Box Power Resistors
DEC-01-2023
SQT RFE-SQT Datasheet
462Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.24
SQZ RFE-SQZ Datasheet
463Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com