Electronic Components Datasheet Search
  English  ▼

X  

SLR Datasheet(PDF) 4 Page - YAGEO Corporation

Part # SLR
Description  Cement Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SLR Datasheet(HTML) 4 Page - YAGEO Corporation

  SLR Datasheet HTML 1Page - YAGEO Corporation SLR Datasheet HTML 2Page - YAGEO Corporation SLR Datasheet HTML 3Page - YAGEO Corporation SLR Datasheet HTML 4Page - YAGEO Corporation SLR Datasheet HTML 5Page - YAGEO Corporation SLR Datasheet HTML 6Page - YAGEO Corporation SLR Datasheet HTML 7Page - YAGEO Corporation SLR Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.yageo.com
Aug. 12, 2024 V.2
Cement Resistors
4
8
Product Specification
SLR
Through Hole Resistors
TEMPERATURE CURVE
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SLR200
SLR300
SLR500
SLR700
SLR10A
Power Rating at 70 °C
2W
Power Rating at 40 °C
3W
5W
7W
10W
Voltage Proof on Insulation
500V
700V
700V
1000V
1000V
Resistance Range
0.01Ω ~
0.5Ω
0.005Ω ~
1Ω
0.005Ω ~
1Ω
0.005Ω ~
1Ω
0.009Ω ~
2Ω
Maximum Working Voltage
√(P X R)
Operating Temp. Range
- 55°C to +155°C
Temperature Coefficient
±250ppm/°C
Note: For resistance value out of above range is by request.
TABLE I MATERIALS OF LEAD WIRE
TYPE
Resistance Value
SLR Series
≤0.05Ω
˃0.05Ω
Copper Wire
CP Wire



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com