Electronic Components Datasheet Search
  English  ▼

X  

RSF3WM Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RSF3WM
Description  Metal Oxide Film Resistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RSF3WM Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button RSF3WM Datasheet HTML 5Page - YAGEO Corporation RSF3WM Datasheet HTML 6Page - YAGEO Corporation RSF3WM Datasheet HTML 7Page - YAGEO Corporation RSF3WM Datasheet HTML 8Page - YAGEO Corporation RSF3WM Datasheet HTML 9Page - YAGEO Corporation RSF3WM Datasheet HTML 10Page - YAGEO Corporation RSF3WM Datasheet HTML 11Page - YAGEO Corporation RSF3WM Datasheet HTML 12Page - YAGEO Corporation RSF3WM Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.yageo.com
Apr. 01, 2024 V.4
Metal Oxide Film Resistors
9
18
Product Specification
RSF
Through Hole Resistors
AXIAL / REEL TAPE SPECIFICATION
Unit: mm
Normal
Miniature
a
A
B1-B2 (Max.)
S (spacing)
T (max. deviation of
spacing)
RSF-50
RSF1WS
6 ± 0.5
52.4 ± 1.5
1.2
5
1 mm per 10 spacing,
0.5 mm per 5 spacing
RSF100
RSF2WS
6 ± 0.5
73.0 ± 1.5
1.5
5
52.4 ± 1.5
1.2
RSF200
RSF3WS
6 ± 0.5
73.0 ± 1.5
1.5
10
52.4 ± 1.5
1.2
RSF3WM
RSF5SS
6 ± 0.5
73.0 ± 1.5
1.5
10
RSF300
RSF5WS
6 ± 0.5
91.0 ± 1.5
1.5
10
RSF500
-
6 ± 0.5
91.0 ± 1.5
1.5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com