Electronic Components Datasheet Search
  English  ▼

X  

RSF3WM Datasheet(PDF) 14 Page - YAGEO Corporation

Part # RSF3WM
Description  Metal Oxide Film Resistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RSF3WM Datasheet(HTML) 14 Page - YAGEO Corporation

Back Button RSF3WM Datasheet HTML 10Page - YAGEO Corporation RSF3WM Datasheet HTML 11Page - YAGEO Corporation RSF3WM Datasheet HTML 12Page - YAGEO Corporation RSF3WM Datasheet HTML 13Page - YAGEO Corporation RSF3WM Datasheet HTML 14Page - YAGEO Corporation RSF3WM Datasheet HTML 15Page - YAGEO Corporation RSF3WM Datasheet HTML 16Page - YAGEO Corporation RSF3WM Datasheet HTML 17Page - YAGEO Corporation RSF3WM Datasheet HTML 18Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.yageo.com
Apr. 01, 2024 V.4
Metal Oxide Film Resistors
14
18
Product Specification
RSF
Through Hole Resistors
MHC TYPE
TYPE
DIMENSIONS
Unit: mm
Normal
Miniature L
ψD
ψd
B
H
HI
P
P0
RSF200
RSF3WS
15.5±1.0
5.0±0.5
0.8±0.05
21.0Max.
19.0±1.0
5.25±1.0
30.0±1.0
15.0±0.3
F
W
W0
W1
ΨD0
10.0±0.5
18.0±0.5
5.0Min.
9.0±0.5
4.0±0.2
F TYPE
FK TYPE
FFK TYPE
FKK TYPE
TYPE
DIMENSIONS
Unit: mm
Normal
Miniature L
ψD
ψd
P
h
H
Max.
hl
HI
Max.
E
Max.
e
RSF-50
RSF1WS
9.0±0.5
3.3±0.3
0.55±0.05
6±1
8±1
22
5±1
18.5
3.5
3.5±1
RSF100
RSF2WS
11.5±1
4.5±0.5
0.8±0.05
6±1
8±1
24
5±1
20
3.5
3.5±1
RSF200
RSF3WS
15.5±1
5.0±0.5
0.8±0.05
8±1
8±1
28
5± 1
25
3.5
3.5±1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com